データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EAST1005WA2 データシート(PDF) 1 Page - Everlight Electronics Co., Ltd

部品番号 EAST1005WA2
部品情報  Compatible with automatic placement equipment.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1005WA2 データシート(HTML) 1 Page - Everlight Electronics Co., Ltd

  EAST1005WA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1005WA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LifecyclePhase:
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-12-02 16:30:07.0
1
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 12-Nov-2014. Issue No: DSE-0012345
Rev.1
www.everlightamericas.com
SMD  B
EAST1005WA2
Features
Package in 8mm tape on 7〞diameter reel.
Compatible with automatic placement equipment.
Compatible with infrared and vapor phase reflow solder process.
Mono-color type.
Pb-free.
The product itself will remain within RoHS compliant version.
Compliance with EU REACH.
Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm).
Description
The SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing density,
reduced storage space and finally smaller equipment to be obtained.
Besides, lightweight makes them ideal for miniature applications. etc.
Applications
Backlighting in dashboard and switch.
Telecommunication: indicator and backlighting in telephone and fax.
Flat backlight for LCD, switch and symbol.
General use.


同様の部品番号 - EAST1005WA2

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAST1005WA0 EVERLIGHT-EAST1005WA0 Datasheet
220Kb / 11P
   Compatible with automatic placement equipment.
EAST1005WA1 EVERLIGHT-EAST1005WA1 Datasheet
221Kb / 12P
   Compatible with automatic placement equipment.
More results

同様の説明 - EAST1005WA2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com