データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EAST3215AA1 データシート(PDF) 7 Page - Everlight Electronics Co., Ltd

部品番号 EAST3215AA1
部品情報  Compatible with automatic placement equipment.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST3215AA1 データシート(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAST3215AA1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST3215AA1 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DATASHEET
SMD  B
EAST3215AA1
7
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 13-Apr-2005. Issue No: 1
www.everlightamericas.com
Label Explanation
‧CPN: Customer
’s Product Number
‧P/N: Product Number
‧QTY: Packing Quantity
‧CAT: Luminous Intensity Rank
‧HUE: Chromaticity Coordinates & Dom. Wavelength Rank
‧REF: Forward Voltage Rank
‧LOT No: Lot Number
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
RoHS
Pb
CPN :
P N : XXXXXXXXXXXXX
XXXXXXXXXXXXX
QTY : XXX
LOT NO : XXXXXXXXXX
Reference : XXXXXXXX
CAT : XXX
HUE : XXX
REF : XXX
EVERLIGHT
MADE IN TAIWAN


同様の部品番号 - EAST3215AA1

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAST3215AA0 EVERLIGHT-EAST3215AA0 Datasheet
441Kb / 10P
   Compatible with automatic placement equipment.
More results

同様の説明 - EAST3215AA1

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com