データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97671A データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 ISL97671A
部品情報  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97671A データシート(HTML) 7 Page - Renesas Technology Corp

Back Button ISL97671A Datasheet HTML 3Page - Renesas Technology Corp ISL97671A Datasheet HTML 4Page - Renesas Technology Corp ISL97671A Datasheet HTML 5Page - Renesas Technology Corp ISL97671A Datasheet HTML 6Page - Renesas Technology Corp ISL97671A Datasheet HTML 7Page - Renesas Technology Corp ISL97671A Datasheet HTML 8Page - Renesas Technology Corp ISL97671A Datasheet HTML 9Page - Renesas Technology Corp ISL97671A Datasheet HTML 10Page - Renesas Technology Corp ISL97671A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL97671A
FN7709 Rev.4.00
Page 7 of 28
Sep 14, 2017
FAULT PIN
Fault Pull-down Current
IFAULT
VIN = 12V
12
21
30
µA
Fault Clamp Voltage with Respect to VIN
VFAULT
VIN = 12, VIN - VFAULT
6
7
8.3
V
LX Start-up Threshold
LXstart_thres
0.9
1.2
V
LX Start-up Current
ILXStart-up
1
3.5
5
mA
SMBus/I2C INTERFACE
Guaranteed Range for Data, Clock Input Low
Voltage
VIL
0.8
V
Guaranteed Range for Data, Clock Input High
Voltage
VIH
1.5
VDD
V
SMBus/I2C Data line Logic Low Voltage
VOL
IPULLUP = 4mA
0.17
V
Input Leakage On SMBData/SMBClk
ILEAK
Measured at 4.8V
-10
10
µA
SMBus/I2C TIMING SPECIFICATIONS
Minimum Time Between EN high and
SMBus/I2C Enabled
tEN-SMB/I2C
1µF capacitor on VDC
2
ms
Pulse Width Suppression on SMBCLK/SMBDAT
PWS
0.15
0.45
µs
SMBus/I2C Clock Frequency
fSMB
400
kHz
Bus Free Time Between Stop and Start
Condition
tBUF
1.3
µs
Hold Time After (Repeated) START Condition.
After this Period, the First Clock is Generated
tHD:STA
0.6
µs
Repeated Start Condition Setup Time
tSU:STA
0.6
µs
Stop Condition Setup Time
tSU:STO
0.6
µs
Data Hold Time
tHD:DAT
300
ns
Data Setup Time
tSU:DAT
100
ns
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Clock/data Fall Time
tF
300
ns
Clock/data Rise Time
tR
300
ns
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. At maximum VIN of 26.5V, minimum VOUT is limited 28V.
10. Varies within range specified by VHEADROOM_RANGE.
Electrical Specifications V
IN = 12V, EN = 5V, RSET = 20.1kΩ, unless otherwise noted. Boldface limits apply across the operating
temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
(Note 8)TYP
MAX
(Note 8)UNIT


同様の部品番号 - ISL97671A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ-EVALZ INTERSIL-ISL97671AIRZ-EVALZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results

同様の説明 - ISL97671A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com