データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97686 データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 ISL97686
部品情報  4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97686 データシート(HTML) 7 Page - Renesas Technology Corp

Back Button ISL97686 Datasheet HTML 3Page - Renesas Technology Corp ISL97686 Datasheet HTML 4Page - Renesas Technology Corp ISL97686 Datasheet HTML 5Page - Renesas Technology Corp ISL97686 Datasheet HTML 6Page - Renesas Technology Corp ISL97686 Datasheet HTML 7Page - Renesas Technology Corp ISL97686 Datasheet HTML 8Page - Renesas Technology Corp ISL97686 Datasheet HTML 9Page - Renesas Technology Corp ISL97686 Datasheet HTML 10Page - Renesas Technology Corp ISL97686 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ISL97686
FN7953 Rev.1.00
Page 7 of 22
Sep 19, 2017
Typical Performance Curves
FIGURE 4. EFFICIENCY vs VIN (ICH: 100mA, fDIM: 200Hz, VOUT: 45V
FOR 4P14S AND 55V FOR 4P18S)
FIGURE 5. EFFICIENCY vs ICH (VOUT: 55V FOR 4P18S, fDIM: 200Hz)
FIGURE 6. EFFICIENCY vs PWM DIMMING (VIN: 24V, VOUT: 55V FOR
4P18S, ICH: 100mA)
FIGURE 7. ACCURACY vs WPM DIMMING (VIN: 24V, VOUT: 55V FOR
4P18S, ICH: 100mA)
FIGURE 8. PWM DIMMING LINEARITY (VIN: 24V, VOUT: 55V FOR
4P18S)
FIGURE 9. PWM DIMMING LINEARITY (VIN: 24V, VOUT: 55V FOR
4P18S)
70
75
80
85
90
95
100
5
1015
202530
35
INPUT VOLTAGE (V)
4P18S
4P14S
70
75
80
85
90
95
100
30
50
70
90
110
130
150
170
CHANNEL CURRENT (mA)
V_IN:24V
V_IN:19V
40
50
60
70
80
90
100
0
20
40
60
80
100
DIMMING DUTY CYCLE (%)
fDIM: 1kHz
fDIM: 200Hz
-1.0
-0.5
0.0
0.5
1.0
0
20
406080
100
DIMMING DUTY CYCLE (%)
CH2
CH1
CH3
CH4
0
10
20
30
40
50
60
70
80
90
100
110
020
40
60
80
100
DIMMING DUTY CYCLE (%)
1kHz
200Hz
0
1
2
3
4
5
6
7
8
9
10
024
68
10
DIMMING DUTY CYCLE (%)
1kHz
200Hz


同様の部品番号 - ISL97686

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ-EVAL1Z INTERSIL-ISL97686IBZ-EVAL1Z Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results

同様の説明 - ISL97686

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Kinetic Technologies.
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com