データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97687 データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 ISL97687
部品情報  4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97687 データシート(HTML) 7 Page - Renesas Technology Corp

Back Button ISL97687 Datasheet HTML 3Page - Renesas Technology Corp ISL97687 Datasheet HTML 4Page - Renesas Technology Corp ISL97687 Datasheet HTML 5Page - Renesas Technology Corp ISL97687 Datasheet HTML 6Page - Renesas Technology Corp ISL97687 Datasheet HTML 7Page - Renesas Technology Corp ISL97687 Datasheet HTML 8Page - Renesas Technology Corp ISL97687 Datasheet HTML 9Page - Renesas Technology Corp ISL97687 Datasheet HTML 10Page - Renesas Technology Corp ISL97687 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL97687
FN7714 Rev.3.00
Page 7 of 24
Sep 13, 2017
DMAX
Boost Maximum Duty Cycle
fSW = 600kHz
92
%
DMIN
Boost Minimum Duty Cycle
fSW = 1.2MHz
26
%
fSW
Boost Switching Frequency (See Equation 4)ROSC = 250kΩ
180
200
220
kHz
ROSC = 83kΩ
540
600
660
kHz
ROSC = 42kΩ
1.08
1.2
1.32
MHz
EFFPEAK
Boost Peak Efficiency
90
%
REFERENCE
IMATCH
Channel-to-Channel Current Matching
Channels are in a single IC,
ILED: 100mA
-2
±1
2
%
IACC
Absolute Current
RISET1/2 = 28.7kΩ
-3
3
%
FAULT DETECTION
VSC
Channel Short Circuit Threshold
7.2
8
8.8
V
VTEMP
Over-Temperature Threshold
150
°C
VTEMP_ACC
Over-Temperature Threshold Accuracy
5
°C
VOVP_OUT
Overvoltage Limit on OVP Pin
1.18
1.22
1.24
V
VOVP_IN
Overvoltage Limit on VIN Pin
35
V
DIGITAL I/O LOGIC LEVEL SPECIFICATIONS
VIL
Logic Input Low Voltage - STV, EN_PS, EN_VSYNC,
EN_ADIM, PWMI, CSEL, EN
0.8
V
VIH
Logic Input High Voltage - STV, EN_PS, EN_VSYNC,
EN_ADIM, PWMI, CSEL, EN
1.5
5.5
V
STV
Frame frequency
30
240
Hz
CURRENT SOURCES
VHEADROOM
Dominant Channel Current Source Headroom at CH Pin ILED = 160mA
TA = +25°C
0.75
(Note 12)
V
VHEADROOM_RANGE
Dominant Channel Current Sink Headroom Range at CHx
Pin
ILED = 20mA,
TA = +25°C
90
mV
VISET1,2
Voltage at ISET1 and 2 Pins
1.18
1.21
1.24
V
ILED_MAX
Maximum LED Current per Channel
160
mA
PWM GENERATOR
fPWM
Generated PWM Frequency (See Equation 3)RPWM_SET = 333kΩ
45
50
55
Hz
RPWM_SET = 3.3kΩ
4.5
5
5.5
kHz
Dimming Range
PWM Dimming Duty Cycle Limits
fPWM ≤ 20kHz
0.1
100
%
fPWMI
PWMI Input Frequency Range
60
20k
Hz
VPWM_SET
PWM_SET Voltage
RPWM_SET = 3.3kΩ
1.18
1.21
1.25
V
VACTL
Analog Dimming Input
0% Dimming
0.28
0.3
0.31
V
100% Dimming
2.95
3
3.1
V
tPWM_MIN
Minimum PWM On Time in Direct PWM Mode
350
ns
NOTES:
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
11. At maximum VIN of 32V, minimum VOUT is 35V. Minimum VOUT can be lower at lower VIN.
12. Varies within the range specified by VHEADROOM_RANGE.
Electrical Specifications All specifications below are characterized at T
A = -40°C to +105°C; VIN = 12V, EN = 5V. Boldface limits apply
over the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 10)TYP
MAX
(Note 10)UNIT


同様の部品番号 - ISL97687

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ-EVAL1Z INTERSIL-ISL97687IBZ-EVAL1Z Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ-EVAL1Z INTERSIL-ISL97687IBZ-EVAL1Z Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results

同様の説明 - ISL97687

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com