データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97692 データシート(PDF) 13 Page - Renesas Technology Corp

部品番号 ISL97692
部品情報  Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97692 データシート(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97692 Datasheet HTML 9Page - Renesas Technology Corp ISL97692 Datasheet HTML 10Page - Renesas Technology Corp ISL97692 Datasheet HTML 11Page - Renesas Technology Corp ISL97692 Datasheet HTML 12Page - Renesas Technology Corp ISL97692 Datasheet HTML 13Page - Renesas Technology Corp ISL97692 Datasheet HTML 14Page - Renesas Technology Corp ISL97692 Datasheet HTML 15Page - Renesas Technology Corp ISL97692 Datasheet HTML 16Page - Renesas Technology Corp ISL97692 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ISL97692, ISL97693, ISL97694A
FN7839 Rev.6.00
Page 13 of 32
Sep 8, 2017
FPWM
Generated PWM Dimming Frequency Range (ISL97692, ISL97694A)
100
30,000
Hz
SMBus/I2C INTERFACE (ISL97694A only)
VIL
Guaranteed Range for Data, Clock Input Low
Voltage
0.5
V
VIH
Guaranteed Range for Data, Clock Input High
Voltage
1.5
VDD
V
VOL
SMBus/I2C Output Data Line Logic Low
Voltage
IPULLUP = 4mA
0.17
V
ILEAK
Input Leakage On SDA/SCL
Measured at 4.8V
-10
10
µA
SMBus/I2C TIMING SPECIFICATIONS (ISL97694A only)
tEN-SMBus/I2C
Minimum Time between VIN>UVLO and
SMBus/I2C Enabled
2
ms
FSCL
SCL Clock Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
µs
tHD:STA
Hold Time After (Repeated) START Condition
After this Period, the First Clock is
Generated
0.6
µs
tSU:STA
Repeated Start Condition Setup Time
0.6
µs
tSU:STO
Stop Condition Setup Time
0.6
µs
tHD:DAT
Data Hold Time
300
ns
tSU:DAT
Data Setup Time
100
ns
tHIGH
Low Period of SCL Clock
1.3
µs
tLOW
High Period of SCL Clock
0.6
µs
tF
Clock/data Fall Time
300
ns
tR
Clock/data Rise Time
300
ns
NOTES:
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
12. At maximum VIN of 5.5V, minimum VOUT is 6V. Minimum VOUT can be lower at lower VIN.
13. Limits established by characterization and are not production tested.
14. Varies within the range specified by VHEADROOM_RANGE.
Electrical Specifications VIN = EN = 3.3V, TA = +25°C unless otherwise noted. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 11)TYP
MAX
(Note 11)UNIT


同様の部品番号 - ISL97692

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-EVZ INTERSIL-ISL97692IIZ-EVZ Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-T INTERSIL-ISL97692IIZ-T Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
More results

同様の説明 - ISL97692

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com