データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97698 データシート(PDF) 14 Page - Renesas Technology Corp

部品番号 ISL97698
部品情報  High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97698 データシート(HTML) 14 Page - Renesas Technology Corp

Back Button ISL97698 Datasheet HTML 10Page - Renesas Technology Corp ISL97698 Datasheet HTML 11Page - Renesas Technology Corp ISL97698 Datasheet HTML 12Page - Renesas Technology Corp ISL97698 Datasheet HTML 13Page - Renesas Technology Corp ISL97698 Datasheet HTML 14Page - Renesas Technology Corp ISL97698 Datasheet HTML 15Page - Renesas Technology Corp ISL97698 Datasheet HTML 16Page - Renesas Technology Corp ISL97698 Datasheet HTML 17Page - Renesas Technology Corp ISL97698 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ISL97698
FN8417 Rev.1.00
Page 14 of 21
Sep 7, 2017
Analog Dimming
The ISL97698 controls LED brightness by changing the LED DC
current level (analog dimming). Compared with PWM dimming,
analog dimming eliminates audible noise and PWM
dimming-related EMI concerns and provides higher
electrical-to-optical efficiency because of the lower forward
voltage of the LEDs at lower current.
This current level can be controlled in 8-bit linear or 11-bit
logarithmic fashion, and can be set to between 50µA and 25mA
(with 20mA available by factory configuration, for PWM Input
dimming and I2C dimming application). The source of the
brightness information can come from I2C, 1-WIRE (supporting
5, 6, 7, 8, 9, 10 and 11-bit input sequences) or PWMI interfaces.
There are 4 possible dimming modes:
1. PWM x SWIRE (linear 8-bit output)
The default mode if SCL and SDA are pulled HIGH. If SWIRE is
not going to be used for dimming control, the SWIRE pin
should be tied to GND through a pull-down resistor. If PWMI is
not needed, the PWMI pin should be tied HIGH.
This allows 8-bit PWMI and/or SWIRE control. Additionally,
1-WIRE can be used in combination with PWMI and the
resulting LED brightness will be the product of the two input
values.
2. PWM x I2C (linear 8-bit output)
Can be selected by setting the bits b7:b6 of register 02h to
‘10’.
This is very similar to mode 1, but allows both PWMI duty
cycle and I2C data to be combined to set the LED brightness.
If PWMI is tied HIGH, register 00h can be written to define an
8-bit linear output (this means the default on-state is 100%
LED brightness level).
3. SWIRE x I2C (logarithmic 11-bit output)
Can be selected by setting the bits b7:b6 of register 02h to
‘01’, or by tying SCL LOW and SDA HIGH.
If I2C is not available, this mode can be used to allow between
5 and 11-bit logarithmic control of the brightness via SWIRE.
This mode can also be used to allow 11-bit control via I2C, if
SWIRE is not going to be used for dimming control, or it can
be the combination of the two interfaces. If SWIRE is not
needed, the SWIRE pin should be tied to GND through a pull-
down resistor.
LED current is given by Equations 1 and 2
when N=1, 2... 2047
when N=0
The value of N will be the multiple of the I2C value from
registers 00h and 01h, and the incoming SWIRE value. If the
SWIRE resolution is below 11-bits, the value will be internally
scaled up to 11-bits.
4. SWIRE x I2C (linear 8-bit output)
Can be selected by setting the bit b7:b6 of register 02h to 00,
or by tying SCL and SDA LOW.
This is very similar to mode 3, but has an 8-bit linear output
rather than an 11-bit logarithmic output. As such, only
register 00h is needed from I2C and only 8-bits on SWIRE is
required. Any additional resolution will be ignored.
It can be used as a pure SWIRE or I2C to LED current
controller, or with LED current defined as the multiple of the
I2C and SWIRE values.
Note: If SWIRE is not going to be used for dimming control, the
SWIRE pin should be tied to GND through a pull-down resistor.
The register settings and pin setups for different dimming modes
are listed in Table 3.
PWMI FREQUENCIES
PWMI frequencies of up to 10kHz can be decoded at 8-bit
resolution. Running at lower PWMI frequencies will result in a
more efficient solution because internal oscillator speed is
increased to decode higher PWMI frequencies and this requires
more input power to operate.
CONTENT ADAPTIVE BRIGHTNESS CONTROL (CABC)
Content Adaptive Brightness Control (CABC) is a control method
in which the LED brightness is adjusted depending on the image
being displayed. For example, if the images being displayed only
contains dark pixels, the backlight brightness can be reduced
and the pixel values can be boosted simultaneously to let more
light pass through TFT filter, resulting in the same perceived
brightness.
CABC is used to save power consumption in many applications.
With different options of dimming control mode, ISL97698
provides the system designer with a great design flexibility for
CABC.
Maximum LED Current
The maximum LED current is 25mA per channel by default. For
PWMI dimming and I2C dimming applications, the ISL97698 can
be factory configurable to set maximum LED current to 20mA
(see“Factory Trimming Option” on page 18).
ILED
50
A 1.00304^N
=
(EQ. 1)
ILED
0
=
(EQ. 2)
TABLE 3. REGISTER SETTING AND PIN SETUP FOR DIFFERENT
DIMMING MODES
REGISTER
02h<7:6>
DIMMING MODE
PIN SETUP
PWMI SWIRE SCL
SDA
11 (default
at power-on)
Pure PWMI (Linear)
Input
Low
High
High
Pure SWIRE (Linear)
High
Input
High
High
PWMI x SWIRE (Linear)
Input
Input
High
High
10
PWMI x I2C (Linear)
Input
Low
Input Input
01
I2C (Logarithmic)
Low
Low
Input Input
Pure SWIRE (Logarithmic)
Low
Input
Low
High
SWIRE x I2C (Logarithmic)
Low
Input
Input Input
00
I2C (Linear)
Low
Low
Input Input
Pure SWIRE (Linear)
Low
Input
Low
Low
SWIRE x I2C (Linear)
Low
Input
Input Input


同様の部品番号 - ISL97698

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97698 INTERSIL-ISL97698 Datasheet
722Kb / 22P
   High Efficient 2-Channel White LED Driver for Smartphone Backlighting
September 5, 2013
ISL97698IIZ-T INTERSIL-ISL97698IIZ-T Datasheet
722Kb / 22P
   High Efficient 2-Channel White LED Driver for Smartphone Backlighting
September 5, 2013
More results

同様の説明 - ISL97698

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97698IIZ-T INTERSIL-ISL97698IIZ-T Datasheet
722Kb / 22P
   High Efficient 2-Channel White LED Driver for Smartphone Backlighting
September 5, 2013
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Global Mixed-mode Techn...
G5904 GMT-G5904 Datasheet
41Kb / 1P
   Four Channel High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com