データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAV170 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 BAV170
部品情報  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV170 データシート(HTML) 2 Page - Diodes Incorporated

  BAV170_18 Datasheet HTML 1Page - Diodes Incorporated BAV170_18 Datasheet HTML 2Page - Diodes Incorporated BAV170_18 Datasheet HTML 3Page - Diodes Incorporated BAV170_18 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV170
Document number: DS30234 Rev. 12 - 2
2 of 4
www.diodes.com
February 2018
© Diodes Incorporated
BAV170
Maximum Ratings (@TA = 25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 6)
Single Diode
Double Diode
IFM
215
125
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RJA
500
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = 25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
85
V
IR = 100µA
Forward Voltage
VF
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 7)
IR
5.0
80
nA
nA
VR = 75V
VR = 75V, TJ = 150C
Total Capacitance
CT
2
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
3.0
µs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
6. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.


同様の部品番号 - BAV170_18

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAV170-13-F DIODES-BAV170-13-F Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
BAV170 DIODES-BAV170_1 Datasheet
349Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 8 - 2
logo
Micro Commercial Compon...
BAV170 MCC-BAV170_13 Datasheet
228Kb / 3P
   250mW Low Leakage Diode 85 Volts
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
   Low-leakage double diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170_15 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
More results

同様の説明 - BAV170_18

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Diode Semiconductor Kor...
BAV199 DSK-BAV199 Datasheet
218Kb / 3P
   Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV199 DIODES-BAV199_1 Datasheet
355Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 6 - 2
BAV199W DIODES-BAV199W_08 Datasheet
116Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
logo
Galaxy Semi-Conductor H...
BAV199 BILIN-BAV199 Datasheet
171Kb / 3P
   Dual surface mount low leakage diode
logo
Diodes Incorporated
BAW156 DIODES-BAW156_08 Datasheet
114Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 9 - 2 March 2008
BAV170_0805 DIODES-BAV170_0805 Datasheet
111Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 10 - 2 May 2008
BAV199 DIODES-BAV199_15 Datasheet
85Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Unisonic Technologies
BAV199 UTC-BAV199 Datasheet
119Kb / 2P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Shenzhen Luguang Electr...
BAV199 LUGUANG-BAV199 Datasheet
203Kb / 2P
   Dual Surface Mount Low Leakage Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com