データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AFC20N データシート(PDF) 1 Page - Arch Electronics Corp.

部品番号 AFC20N
部品情報  Switching Power Module for PCB Mountable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFC20N データシート(HTML) 1 Page - Arch Electronics Corp.

  AFC20N_17 Datasheet HTML 1Page - Arch Electronics Corp. AFC20N_17 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_4
update : 2017.11.28
AC-DC Power Module
AFC20N SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
AFC20N-3.3S
AFC20N-5S
AFC20N-12S
AFC20N-15S
AFC20N-24S
Max Output Wattage (W)
11.88W
18W
20W
20W
20W
Input
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
385 mA max. (115 VAC) / 250 mA max. (230 VAC)
Inrush Current (<2ms,Cold Start)
20 A max. (115 VAC) / 40 A max. (230 VAC)
External Fuse (mandatory)
2 A slow blow type
Output
Voltage (V.DC.)
3.3V
5.1V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
3600
3600
1660
1330
833
Maximum Capacitive Load
5000 uF
5000 uF
1500 uF
1000 uF
470 uF
Minimum Load
0%
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (5-100%) (typ.)
±1%.
Ripple (Full load)
75mV max (Vp-p)
1% of Vout
Noise (Full load)
120mV max (Vp-p)
1% of Vout
Efficiency (typ.)
73%
78%
82%
83%
83%
Hold-up Time(typ)
11 ms (at 115VAC) / 56 ms (at 230VAC)
Protection
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Environment
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
MTBF
>400,000 h @ 25°C (MIL-HDBK-217F)
Physical
Dimension (L x W x H)
2.07 x 1.08 x 0.93 Inches
( 52.5 x 27.5 x 23.5 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
62 g
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL/cUL
EMC
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 55024
KEY FEATURES
 Switching Power Module for PCB Mountable
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC, 47-440 Hz
 Low Standby <0.25W
 Regulated Output and Low Ripple and Low Noise
 Isolation Class II
 Small Size as AFCN 10Watt with 20Watt Higher Power
 CE and UL Approval
 3-Year Product Warranty


同様の部品番号 - AFC20N_17

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
AFC20N ARCH-AFC20N Datasheet
164Kb / 2P
   AC-DC Power Module
More results

同様の説明 - AFC20N_17

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
AZC ARCH-AZC Datasheet
203Kb / 2P
   Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
   Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
   Switching Power Module for PCB Mountable
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
   Switching Power Module for PCB Mountable
MFC15 ARCH-MFC15_16 Datasheet
233Kb / 3P
   Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
   Switching Power Module for PCB Mountable
AQC100 ARCH-AQC100_16 Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
   Switching Power Module for PCB Mountable
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com