データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24FC64WETE13REV-D データシート(PDF) 6 Page - Catalyst Semiconductor

部品番号 CAT24FC64WETE13REV-D
部品情報  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64WETE13REV-D データシート(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24FC64WETE13REV-D Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT24FC64
6
Doc. No. 1046, Rev. G
data. If no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
two 8-bit address words that are to be written into the
address pointers of the CAT24FC64. After receiving
another acknowledge from the Slave, the Master device
transmits the data to be written into the addressed
memory location. The CAT24FC64 acknowledges once
more and the Master generates the STOP condition. At
this time, the device begins an internal programming
cycle to nonvolatile memory. While the cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24FC64 writes up to 64 bytes of data, in a single
write cycle, using the Page Write operation. The page
write operation is initiated in the same manner as the
byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 63 additional bytes. After each byte has
been transmitted, CAT24FC64 will respond with an
acknowledge, and internally increment the six low order
address bits by one. The high order bits remain un-
changed.
If the Master transmits more than 64 bytes before sending
the STOP condition, the address counter ‘wraps around’,
and previously transmitted data will be overwritten.
When all 64 bytes are received, and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point, all received data is written to
the CAT24FC64 in a single write cycle.
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host's write operation,
CAT24FC64 initiates the internal write cycle. ACK poll-
ing can be initiated immediately. This involves issuing
the start condition followed by the slave address for a
write operation. If CAT24FC64 is still busy with the write
operation,
no
ACK
will
be
returned.
If
CAT24FC64 has completed the write operation, an ACK
will be returned and the host can then proceed with the
next read or write operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the entire memory array is
protected and becomes read only. The CAT24FC64 will
accept both slave and byte addresses, but the memory
location accessed is protected from programming by the
device’s failure to send an acknowledge after the first
byte of data is received.
Figure 7. Page Write Timing
Figure 6. Byte Write Timing
*=Don't Care Bit
*=Don't Care Bit
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
***
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+63
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
***


同様の部品番号 - CAT24FC64WETE13REV-D

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24FC64WETE13 CATALYST-CAT24FC64WETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

同様の説明 - CAT24FC64WETE13REV-D

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com