データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LRMS-25J データシート(PDF) 1 Page - Mini-Circuits

部品番号 LRMS-25J
部品情報  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-25J データシート(HTML) 1 Page - Mini-Circuits

  LRMS-25J Datasheet HTML 1Page - Mini-Circuits LRMS-25J Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 10
(LO Power +10dBm)
750 to 2500 MHz
Frequency Mixer
Surface Mount
CASE STYLE: QQQ569
Features
• low conversion loss, 5.2 dB typ.
• aqueous washable
• J-leads for strain relief
Applications
• PCS
• GPS
• satellite distribution
Electrical Schematic
Demo Board MCL P/N: TB-44+
Suggested PCB Layout (PL-083)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Electrical Specifications
1 dB COMP.: +5 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Max.
f
L-fU
X
σ
Typ. Min.
Typ. Min.
Typ.
750-2500
DC-600
5.2
.15
9.5
35
17
20
7
18
LRMS-25J+
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
Typical Performance Data
REV. D
M151107
LRMS-25J+
ED-6462A
DJ/FL/CP/AM
150819
750.00
780.00
8.42
21.80
9.70
1.67
5.03
852.94
882.94
7.16
25.70
11.70
1.58
3.16
955.88
985.88
6.00
30.90
13.80
1.55
2.23
1058.82
1088.82
5.43
39.60
15.60
1.54
1.40
1161.77
1191.77
5.35
39.80
17.70
1.56
1.16
1264.71
1294.71
5.89
34.30
20.80
1.59
1.77
1367.65
1397.65
6.21
35.10
22.40
1.58
2.35
1470.59
1500.59
6.70
34.90
23.90
1.59
2.96
1500.00
1530.00
6.92
35.20
24.30
1.60
3.21
1573.53
1603.53
6.84
34.80
25.30
1.55
3.44
1676.47
1706.47
5.88
38.70
26.20
1.47
3.16
1779.41
1809.41
5.60
37.10
26.50
1.40
2.96
1882.35
1912.35
5.78
35.50
26.60
1.37
2.55
1985.29
2015.29
6.53
34.80
28.10
1.43
3.44
2000.00
2030.00
6.68
34.40
28.20
1.42
3.57
2088.24
2118.24
6.83
30.50
29.10
1.44
3.71
2191.18
2221.18
6.37
27.20
30.00
1.51
2.92
2294.12
2324.12
5.84
25.10
30.90
1.59
2.16
2397.06
2427.06
5.35
23.60
32.50
1.74
1.46
2500.00
2530.00
5.32
24.50
34.60
1.94
1.24
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.390
.31
.225
.060
--
.100
.045
9.91
7.87
5.72
1.52
--
2.54
1.14
H
J
K
L
M
wt
.420
.120
.060
.100
--
grams
10.67
3.05
1.52
2.54
--
0.50
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - LRMS-25J

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LRMS-20J MINI-LRMS-20J Datasheet
354Kb / 2P
   Frequency Mixer
LRMS-20J++ MINI-LRMS-20J+ Datasheet
354Kb / 2P
   Frequency Mixer
LRMS-2H MINI-LRMS-2H Datasheet
361Kb / 2P
   Frequency Mixer
LRMS-2H++ MINI-LRMS-2H+ Datasheet
361Kb / 2P
   Frequency Mixer
LRMS-2J MINI-LRMS-2J Datasheet
313Kb / 2P
   Frequency Mixer
More results

同様の説明 - LRMS-25J

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com