データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RMS-1 データシート(PDF) 1 Page - Mini-Circuits

部品番号 RMS-1
部品情報  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMS-1 データシート(HTML) 1 Page - Mini-Circuits

  RMS-1 Datasheet HTML 1Page - Mini-Circuits RMS-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 0.5 to 500 MHz
Frequency Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Electrical Specifications
REV. D
M151107
RMS-1+
150924
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
X
σ
Max.
Total
Range
Max.
L
M
U
L
M
U
Typ.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
0.5-500
DC-500 5.94 .05
7.0
8.5
56
50
33
25
27
20
55
45
30
23
24
19
20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
RMS-1+
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• excellent L-R isolation, 33 dB typ.
• conversion loss, 5.94 dB typ.
• small size, 0.25”x0.31”x0.2”
Applications
• HF & VHF communications
• broadcast receivers
1 dB COMP.: +1 dBm typ.
For phase detection, DC output positive with in-phase RF & LO.
0.50
30.50
7.45
89.00
64.40
1.11
2.27
1.00
31.00
6.68
82.65
64.35
1.05
2.27
2.00
32.00
6.15
76.59
63.49
1.02
2.43
5.00
35.00
5.84
68.78
59.68
1.01
2.52
10.00
40.00
5.78
63.45
55.38
1.01
2.50
20.00
50.00
5.84
56.92
48.99
1.02
2.50
50.00
80.00
5.84
48.06
40.83
1.03
2.48
67.10
97.10
5.78
47.33
39.62
1.04
2.43
100.00
70.00
5.74
45.42
36.85
1.04
2.40
117.05
87.05
5.71
45.23
36.32
1.07
2.38
150.35
120.35
5.73
44.09
34.84
1.09
2.29
200.00
170.00
5.78
41.97
32.90
1.11
2.29
216.95
186.95
5.84
40.74
32.23
1.13
2.25
250.00
220.00
5.91
38.62
30.58
1.17
2.28
283.55
253.55
5.81
36.99
29.19
1.19
2.30
333.50
303.50
5.81
34.17
26.96
1.22
2.23
383.45
353.45
6.03
31.17
25.64
1.28
2.29
433.40
403.40
6.34
29.18
23.85
1.31
2.24
466.70
436.70
6.56
27.71
22.78
1.37
2.34
500.00
470.00
6.82
27.09
22.32
1.43
2.31
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Electrical Schematic
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
A
B
C
D
E
F
.250
.31
.20
.100
.050
.055
6.35
7.87
5.08
2.54
1.27
1.40
G
H
J
K
wt
.040
.070
.270
.050
grams
1.02
1.78
6.86
1.27
0.50
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: TT240
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - RMS-1

メーカー部品番号データシート部品情報
logo
Mini-Circuits
RMS-11F MINI-RMS-11F Datasheet
329Kb / 2P
   Frequency Mixer
RMS-11F++ MINI-RMS-11F+ Datasheet
329Kb / 2P
   Frequency Mixer
RMS-11X MINI-RMS-11X Datasheet
262Kb / 2P
   Frequency Mixer
RMS-11X++ MINI-RMS-11X+ Datasheet
262Kb / 2P
   Frequency Mixer
logo
Adam Technologies, Inc.
RMS-1A-5-P-X-SF ADAM-TECH-RMS-1A-5-P-X-SF Datasheet
96Kb / 1P
   POWER RELAY
More results

同様の説明 - RMS-1

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com