データシートサーチシステム |
|
EZWFDU02 データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
EZWFDU02 データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page Copyright © EAZIX, Inc. 2003. All Rights Reserved 1 EZWFDU02 data sheet EZWFDU02 WLAN 802.11b USB adapter Product Information Data Sheet November, 2003 Device features IEEE 802.11b compliant USB 1.1 compliant USB to A-Type host interface 64-, 128 bit WEP Frequency Range 2412 to 2484 GHz USB powered @5.0V Indoor range of upto 300 feet over USB. Outdoor range of upto 1750 feet over USB. Supports Device Firmware Upgrade over USB. Operating Temperature Range of 0° C to 70°C Storage Temperature Range of -20° C to 85°C Dimension (30.0mm x 13.3mm x 78.5mm) w/o cradle The EZWFDU02 is a low-cost wireless USB adapter with USB 1.1 interface. It is capable of data transfer rates of up to 11 Mbps. It can operate with other 802.11b WLAN compliant wireless adapters, access points and routers. The EZWFDU02 USB adapter is based on the Intersil Prism 3 chipset. Ad-Hoc Networking Infrastructure Networking Key Features 14 dBm output power Receiver sensitivity: - -93 dBm @1Mbps - -91 dBm @2Mbps - -88 dBm @5.5Mbps - -85 dBm @11Mbps 39 dB Adjacent Channel Rejection @8%PER Data Rates of 1-, 2-, 5.5-, 11Mbps Modulation Techniques supported: - CCK(11Mbps) - CCK(5.5Mbps) - DQPSK(2Mbps) - DBSK(1Mbps) 64-, 128 bit WEP encryption General Description Applications Radio Baseband |
同様の説明 - EZWFDU02 |