データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA25C020LN データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 SA25C020LN
部品情報  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LN データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SA25C020LN Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
9
DC Characteristics
Applicable over recommended operating range from TAI = -40 ºC to 85 ºC, VCC = 2.7-3.6 V.
Table 2. DC Characteristics
Limits
Symbol
Parameter
Test Conditions
Min
Typ*
Max
Unit
VCC
Supply Voltage
2.7
3
3.6
V
ICC1
Active Power Supply
Current (Read)
SCK = 0.1VCC/0.9 VCC @
25 MHz
9
12
mA
ICC2
Active Power Supply
Current (Page Write)
CSb = VCC
15
mA
ICC3
Active Power Supply
Current (WRSR)
CSb = VCC
15
mA
ISB
Standby Current
VCC = 3.6 V,
CSb = VCC
1
µA
IIL
Input Leakage Current
VIN = GND to VCC
1
µA
IOL
Output Leakage Current
VIN = GND to VCC
1
µA
VIL
Input Low Voltage
-0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC +
0.5
V
VOH
Output High Voltage
IOH = -0.1 mA
VCC -
0.2
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 2.7 V
0.4
V
*Typical values are at TAI = 25 ºC and 3 V.


同様の部品番号 - SA25C020LN

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

同様の説明 - SA25C020LN

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com