データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA25C020LEN データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 SA25C020LEN
部品情報  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEN データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SA25C020LEN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 14Page - List of Unclassifed Manufacturers SA25C020LEN Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
11
Timing Diagrams
All timing diagrams are based on SPI protocol modes 0 and 1.
SCK
SI
CS
t
CSH
t
CSH
t
CSS
t
CSS
MSB IN
t
SU:DAT tHD:DAT
t
CRT
t
CFT
LSB IN
t
CS
SO
High Impedance
Figure 4. SPI Mode 0 (0,0) Input Timing
SCK
CS
t
WL
t
V
t
WH
LSB OUT
SO
t
HO
t
V
t
HO
t
DIS
Figure 5. SPI Mode 0 (0,0) Output Timing


同様の部品番号 - SA25C020LEN

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

同様の説明 - SA25C020LEN

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com