データシートサーチシステム |
|
SDR2207-6R8M データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SDR2207-6R8M データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page 34.0 (1.34) 38.4 (1.51) 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 330 (12.99) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. Packaging Specifications 22.4 ± 0.1 (.882 ± .004) 32.0 ± 0.3 (1.26 ± .012) 9.0 ± 0.1 (.354 ± .004) 15.5 ± 0.1 (.610 ± .004) 20.0 ± 0.1 (.787 ± .004) 4.0 ± 0.1 (.157 ± .004) 1.55 ± 0.05 (.061 ± .002) 2.0 (.079) MIN. 8.45 ± 0.1 (.333 ± .004) 0.5 ± 0.05 (.020 ± .002) QTY: 250 PCS. PER REEL SDR2207 Series - SMD Power Inductors DIMENSIONS: MM (INCHES) REV. 02/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Soldering Profile 0 50 100 150 200 250 300 0 50 100 150 200 250 300 Time (seconds) <1> Max. of 30 seconds > 200 °C <2> Max. of 10 seconds at 230 °C 230 °C <2> <1> 120 - 150 seconds Ramp-up 4 °/second maximum Ramp-down 5 °C/second maximum |
同様の部品番号 - SDR2207-6R8M |
|
同様の説明 - SDR2207-6R8M |