データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6734-25GXTTR データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SS6734-25GXTTR
部品情報  300MA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SS6734-25GXTTR データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SS6734-25GXTTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6734-25GXTTR Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9
SS6734G
1/15/2005 Rev.2.10
ORDERING INFORMATION
PIN CONFIGURATION
SOT-89 (GXT)
TOP VIEW
1: VOUT
2. GND
3. VIN
SOT-89 (GXA)
TOP VIEW
1: GND
2. VIN
3. VOUT
TO-92 (GZT)
TOP VIEW
1: GND
2. VIN
3. VOUT
TO-92 (GZL)
TOP VIEW
1: VIN
2. GND
3. VOUT
1
2
3
1
2
3
1
2
3
1
2
3
Packing:
TR: Tape and reel
Package type:
U: SOT-23-3
XA: SOT-89
XT: SOT-89
ZT: TO-92
ZL: TO-92
G: Commercial, Pb-free lead finish
Output v
Output voltage:
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
SS6734-XX GXX XX
Example:
SS6734-18GXATR
1.8V version, in SOT-89 package,
with Pb-free lead finish, shipped
on tape and reel.
SOT-23 (GU)
1: GND
2: VOUT
3: VIN
3
1
2
SOT-23 MARKING
Part No.
GU
Part No.
GU
SS6734-18GU
CD18P
SS6734-35GU
CD35P
SS6734-20GU
CD20P
SS6734-37GU
CD37P
SS6734-25GU
CD25P
SS6734-38GU
CD38P
SS6734-27GU
CD27P
SS6734-50GU
CD50P
SS6734-30GU
CD30P
SS6734-52GU
CD52P
SS6734-33GU
CD33P


同様の部品番号 - SS6734-25GXTTR

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS6734-25GXTTR SSC-SS6734-25GXTTR Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
More results

同様の説明 - SS6734-25GXTTR

メーカー部品番号データシート部品情報
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com