データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0038 データシート(PDF) 2 Page - RF Micro Devices

部品番号 TA0038
部品情報  DC ACCURATE FSK MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0038 データシート(HTML) 2 Page - RF Micro Devices

  TA0038 Datasheet HTML 1Page - RF Micro Devices TA0038 Datasheet HTML 2Page - RF Micro Devices TA0038 Datasheet HTML 3Page - RF Micro Devices TA0038 Datasheet HTML 4Page - RF Micro Devices TA0038 Datasheet HTML 5Page - RF Micro Devices TA0038 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
13-188
TA0038
13
Copyright 1997-2000 RF Micro Devices, Inc.
fractional number over the cycle rate of the pro-
grammed bits. Different programmed bits can generate
different fractional numbers and thus different synthe-
sized frequencies. If b is the number of bits in the
counter and s is the programmed word, then the frac-
tional number generated is:
# of Qa states per cycle = 2b-s
# of 0s per cycle = 2b-s-1
Then fractional n = 2b-s-1
The synthesized frequency can then be calculated as
F(ref)* (N+ n). If s and n(s) represent the space fre-
quency and m and n(m) represent the mark frequency,
then the peak to peak frequency deviation can be cal-
culated as F(ref)*(n(s)-n(m)). This method can pro-
duce smaller deviations with fewer dividers than the
previous method but offers fewer selections from which
to chose.
A simple form of this technique is described in Figure
1. It is implemented with a 4-bit counter and the values
of s and m are chosen such that only 1 of the 4 bits is
different. Therefore, the data to be modulated onto the
carrier is used to set or clear that divider every cycle.
An infinite numbers of cycles can occur at either the
mark of space frequency without correction by the PLL
therefore making this modulator accurate down to DC.
In the example of Figure 1, a 4-bit counter is used to
control the divider ratio of the prescaler in a PLL syn-
thesizer. The Qa output toggles high and low except
when the carry out is asserted. Then the Qa output
stays high with the correct load value. For a loaded
value of ‘5’, the Qa output will be low for 5 out of the 11
states of the counter, (16 -5 -1)/2. This sets up a ratio
or duty cycle of n =.454. The ‘B’ bit of the counter can
be changed from a 0 to a 1 to change the load value
from 5 to 7. In this case the Qa output is low for 4 out of
9 states, ((16-7-1)/2) for a duty cycle of n= .444. The
ratios modify the prescaler to produce an output fre-
quency with a fractional divide by ratio, that is 128.454
or 128.444. Therefore the output frequencies differ by
(128.454 - 128.444) times the reference oscillator. The
rate of change on the modulus control pin is very high
relative to the PLL loop bandwidth so the changes are
averaged or smoothed out over time.
A simple hardware implementation of a radio link using
this method is described here. A family of transmitter or
transceiver ICs from RF Micro Devices offer the inter-
nal PLL and dual modulus prescaler which can be
used in this design. The RF2513 was chosen to dem-
onstrate a simple low cost transmitter for USA ISM
band applications. The RF2513 contains all the active
circuitry necessary to implement a single IC FSK trans-
mitter; a reference crystal oscillator, PLL, dual modulus
prescaler, VCO, TX buffer amp, and PA. The RF2513
also has an internal varactor for tuning the VCO. By
using printed inductors for the resonators, the external
component count is minimized. A 74HC161 4-bit
counter is used to implement the counter and a
74HC04 is used for the necessary inversion to load the
counter and to buffer the reference oscillator used for
the clock. The schematic of the final circuit is shown in
Figure 2.
Figure 1. DC Accurate FSK Modulator
A
B
C
D
C lk
Lo ad
Qa
Qb
Qc
Qd
Carry
ou t
4-bit
C ounter
Div. b y
N / N+ 1
P re scale r
Ph as e
De te c to r
Refe re nc e
O sc illa tor
VC O
F S K O utput
Mod ulus
Con tro l
Lo ad
C
D
E
F
5
6
7
8
9
A
B
C
D
F
E
5
6
7
8
9
R efe re nc e O s c illato r
Lo ad "5 "
Carry ou t
M od. c ontro l (Qa)
C
D
F
E
7
8
9
A
B
C
D
F
E
7
8
9
A
B
C
D
Lo ad "7 "
Carry ou t
M od. c ontro l (Qa)
Duty C y c le 'n'= 5/11 = 0.454
Duty C y c le 'n' = 4/9 = 0.44 4
Figure 2. Example Schematic of DC Accurate
Modulator































 

 







 



 



 

 

 



 


 



 
!

"!#

$

$%#

"!#

$

!

&

$

#



#'$

#'!

$

!

!



"!#

 '!

 

&




(

 

 

(

 

 



 




$
$
$
$
$
$
#


 

 
#%% '!






同様の部品番号 - TA0038

メーカー部品番号データシート部品情報
logo
RF Micro Devices
TA0030 RFMD-TA0030 Datasheet
90Kb / 6P
   TRANSMIT AND RECEIVE AGC AMPLIFIERS FOR CDMA CELLULAR /PCS PHONES
More results

同様の説明 - TA0038

メーカー部品番号データシート部品情報
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
M.S. Kennedy Corporatio...
MSK131 MSK-MSK131_15 Datasheet
178Kb / 6P
   FET Input - Accurate DC Specifications
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
CUI INC
FSK-S15-5U CUI-FSK-S15-5U Datasheet
65Kb / 2P
   FSK-S15 Series AC-DC Converter
logo
Microsemi Corporation
SG1731 MICROSEMI-SG1731_1 Datasheet
255Kb / 5P
   DC MOTOR PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
FSK-S30 ETC1-FSK-S30 Datasheet
101Kb / 2P
   FSK-S30 SERIES AC-DC CONVERTER
logo
Microsemi Corporation
SG1731 MICROSEMI-SG1731 Datasheet
140Kb / 5P
   DC MOTOR PULSE WIDTH MODULATOR
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com