データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4481-D データシート(PDF) 3 Page - TEMIC Semiconductors

部品番号 TDA4481-D
部品情報  Multistandard quasi parallel-sound processor for Mono-TV-Sets
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4481-D データシート(HTML) 3 Page - TEMIC Semiconductors

  TDA4481-D Datasheet HTML 1Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 2Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 3Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 4Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 5Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 6Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 7Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 8Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TELEFUNKEN Semiconductors
TDA4481-D
Rev. A1: 23.02.1995
3 (10)
Absolute Maximum Ratings
Reference point Pin 11, unless otherwise specified
Parameters
Symbol
Value
Unit
Supply voltage
Pin 16
VS
10 ... 13.5
V
Supply current
Pin 16
I
S
80
mA
External voltages
Pin 3,6
Pin 1,2,4,5,7,8,9,12,
13,14,15,16,17,18,19,
Vext
Vext
V5
6
V
V
Power dissipation
(in soldered position)
Ptot
1
W
Junction temperature
Tj
125
°C
Ambient temperature range
Tamb
–25 to + 70
°C
Storage temperature range
Tstg
–25 to +125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
60
K/W
Electrical Characteristics
VS = 12 V, Tamb = 25°C, reference point Pin 20 (11), unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
Pin 16
V
S
10
13.5
V
Supply current
FM-operation
AM-operation
Pin 16
Pin 16
I
S
65
55
mA
Input DC voltage
Pin 5
V
o
4.4
V
Output DC voltage
Pin 7,9
V
o
3.7
Standard switching voltage, Pin 6
Standard B/G
Standard L
converter operation
V
1.9
0
3.5
2.3
2.7
1.5
V
S
V
Standard switching current
V
6 ≤ 5 V
I
20
mA
AGC range
65
dB
AM-operation
Min. sound carrier input
voltage
(AF-output voltage
Pin 7, 9 –3 dB) Pin 18–19
v
50
mV
Audio output voltage
m = 54 %
Pin 7, 9
v
500
mV
Harmonic distortion
f = 32.4 MHz,
Pin 7, 9
f mod = 1 kHz
m = 30 %
m = 80 %
THD
0.3
1.0
1.0
2.5
%


同様の部品番号 - TDA4481-D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA4481-C ETC1-TDA4481-C Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

同様の説明 - TDA4481-D

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TDA2048 TEMIC-TDA2048 Datasheet
107Kb / 10P
   Multistandard quasi parallel-sound processor for Mono-TV-Sets
TDA4482-D TEMIC-TDA4482-D Datasheet
108Kb / 7P
   Quasi-Parallel Sound Processor for TV Sets
TDA4480C TEMIC-TDA4480C Datasheet
146Kb / 9P
   Multi standard quasi parallel-sound processor for TV-sets
TDA4480-C TEMIC-TDA4480-C Datasheet
143Kb / 9P
   Multi standard quasi parallel-sound processor for TV-sets
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com