データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8922BJ データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA8922BJ
部品情報  2 X 50 W class-D power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922BJ データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA8922BJ Datasheet HTML 7Page - NXP Semiconductors TDA8922BJ Datasheet HTML 8Page - NXP Semiconductors TDA8922BJ Datasheet HTML 9Page - NXP Semiconductors TDA8922BJ Datasheet HTML 10Page - NXP Semiconductors TDA8922BJ Datasheet HTML 11Page - NXP Semiconductors TDA8922BJ Datasheet HTML 12Page - NXP Semiconductors TDA8922BJ Datasheet HTML 13Page - NXP Semiconductors TDA8922BJ Datasheet HTML 14Page - NXP Semiconductors TDA8922BJ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
11 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
9.
Limiting values
[1]
Current limiting concept. See also Section 13.6.
10. Thermal characteristics
[1]
See also Section 13.5.
11. Static characteristics
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VP
supply voltage
-
±30
V
IORM
repetitive peak current in
output pin
maximum output
current limiting
[1] 5-
A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1]
TDA8922BTH
in free air
35
K/W
TDA8922BJ
in free air
35
K/W
Rth(j-c)
thermal resistance from junction to case
[1]
TDA8922BTH
1.3
K/W
TDA8922BJ
1.3
K/W
Table 7:
Static characteristics
VP = ±26 V; fosc = 317 kHz; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Supply
VP
supply voltage
[1]
±12.5 ±26 ±30 V
Iq(tot)
total quiescent supply
current
no load; no filter; no
snubber network
connected
-
5065mA
Istb
standby supply current
-
150
500
µA
Mode select input; pin MODE
VI
input voltage
[2] 0-
6
V
II
input current
VI = 5.5 V
-
100
300
µA
Vstb
input voltage for
Standby mode
[2]
[3]
0
-
0.8
V
Vmute
input voltage for Mute
mode
[2]
[3]
2.2
-
3.0
V
Von
input voltage for
Operating mode
[2]
[3]
4.2
-
6
V


同様の部品番号 - TDA8922BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

同様の説明 - TDA8922BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com