データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC164-JRGI35K6 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 TC164-JRGI35K6
部品情報  CHIP RESISTORS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TC164-JRGI35K6 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  TC164-JRGI35K6 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC164-JRGI35K6 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC164-JRGI35K6 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC164-JRGI35K6 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC164-JRGI35K6 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC164-JRGI35K6 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC164-JRGI35K6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Mar. 24, 2004 V.4
Chip Resistor Surface Mount
4
7
SERIES
TC
164
CCB325
empty compartments
with cover tape
(min. 240 mm)
cover tape only
leader
≥400 mm
trailer (max. 260 mm)
trailer end
leader end
Fig. 7 Leader and trailer tape dimension
PACKING METHOD
LLEEA
AD
DEER
R//T
TR
RA
AIILLEER
R T
TA
APPEE SSPPEEC
CIIFFIIC
CA
AT
TIIO
ON
N
PACKING STYLE
REEL DIMENSION
TC164
Paper Taping Reel (R)
7" (178 mm)
5,000
13" (330 mm)
20,000
gewidth
C
D
BA
W
T
MSA284_b
DIMENSION
TC164
A (mm)
2.0±0.1
B (mm)
3.5±0.1
W (mm)
8.0±0.2
E (mm)
1.75±0.1
F (mm)
3.5±0.05
P0 (mm)
4.0±0.1
P1 (mm)
4.0±0.1
P2 (mm)
2.0±0.05
ØD0 (mm)
1.5+0.1/–0
T (mm)
0.85±0.1
PAPER TAPE SPECIFICATION
TAPING REEL
DIMENSION
TC164
Tape Width
8mm
ØA (mm)
180+0/–3
ØB (mm)
60+1/–0
ØC (mm)
13.0±0.2
ØD (mm)
21±0.8
W (mm)
9.0±0.3
T (mm)
11.4±1
Fig. 5 Reel dimension
Table 3
Table 4
Table 5 Packing style and packaging quantity
For dimension see Table 3
F
W
P0
P2
D 0
B
A
P1
E
MBD123_a
T
cover tape
Fig.6 Paper tape dimension
For dimension see Table 4


同様の部品番号 - TC164-JRGI35K6

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
TC164-JR-011K2L YAGEO-TC164-JR-011K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070R YAGEO-TC164-JR-070R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
TC164-JR-0710R YAGEO-TC164-JR-0710R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K YAGEO-TC164-JR-071K Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

同様の説明 - TC164-JRGI35K6

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com