データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-REL4-SW120 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 ST-REL4-SW120
部品情報  Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-REL4-SW120 データシート(HTML) 1 Page - PHOENIX CONTACT

  ST-REL4-SW120 Datasheet HTML 1Page - PHOENIX CONTACT ST-REL4-SW120 Datasheet HTML 2Page - PHOENIX CONTACT ST-REL4-SW120 Datasheet HTML 3Page - PHOENIX CONTACT ST-REL4-SW120 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2825568
10/20/2014   Page 1 / 4
Relay connectors - ST-REL4-SW120/21-21 - 2825568
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage
120 V AC, with light indicator, can be plugged onto basic termination blocks
The illustration shows version ST-
REL 4-SG 48/21-21
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
70.98 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Dimensions
Width
27 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
120 V AC
Input voltage range in reference to UN
0.8 ... 1.1
Typical input current at UN
13 mA
Typical response time
4 ms ... 15 ms (with AC)


同様の部品番号 - ST-REL4-SW120

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
ST-REL4-SW230 PHOENIX-ST-REL4-SW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW24 PHOENIX-ST-REL4-SW24 Datasheet
127Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
More results

同様の説明 - ST-REL4-SW120

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
ST-REL3-SW120 PHOENIX-ST-REL3-SW120 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW230 PHOENIX-ST-REL4-SW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW24 PHOENIX-ST-REL4-SW24 Datasheet
127Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL3-SW24 PHOENIX-ST-REL3-SW24 Datasheet
75Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL3-SW230 PHOENIX-ST-REL3-SW230 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SG24 PHOENIX-ST-REL4-SG24 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG110 PHOENIX-ST-REL4-SG110 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SW42 PHOENIX-ST-REL3-SW42 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG60 PHOENIX-ST-REL4-SG60 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG48 PHOENIX-ST-REL4-SG48 Datasheet
85Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com