データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AON6414A データシート(PDF) 1 Page - Alpha & Omega Semiconductors

部品番号 AON6414A
部品情報  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6414A データシート(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6414A_13 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6414A_13 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6414A_13 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6414A_13 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6414A_13 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6414A_13 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON6414A
30V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
30A
RDS(ON) (at VGS=10V)
< 8m
RDS(ON) (at VGS=4.5V)
< 10.5m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
The AON6414A uses advanced trench technology to
provide excellent RDS(ON), low gate charge.This device is
suitable for use as a high side switch in SMPS and
general purpose applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
G
D
S
Top View
1
2
3
4
8
7
6
5
PIN1
DFN5X6
Top View
Bottom View
VGS
IDM
IAS, IAR
EAS, EAR
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Power Dissipation
A
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
3.4
53
4
PDSM
W
TA=70°C
31
1.5
TA=25°C
W
30
TC=25°C
G
TC=100°C
Power Dissipation
B
PD
Continuous Drain
Current
31
13
TC=25°C
I
50
A
TA=25°C
IDSM
A
TA=70°C
140
Pulsed Drain Current
C
Continuous Drain
Current
ID
30
A
35
Parameter
V
±20
Gate-Source Voltage
Avalanche energy L=0.05mH
C
mJ
Avalanche Current
C
10
-55 to 150
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
17
44
21
100ns
36
V
Typ
Max
TC=25°C
2.3
12.5
TC=100°C
Junction and Storage Temperature Range
Rev.4.0 March 2013
www.aosmd.com
Page 1 of 6


同様の部品番号 - AON6414A_13

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AON6414AL AOSMD-AON6414AL Datasheet
390Kb / 6P
   30V N-Channel MOSFET
AON6414A_V2 AOSMD-AON6414A_V2 Datasheet
30Kb / 3P
   Plastic Encapsulated Device
More results

同様の説明 - AON6414A_13

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com