データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AON6510 データシート(PDF) 1 Page - Alpha & Omega Semiconductors

部品番号 AON6510
部品情報  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6510 データシート(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6510 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6510 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6510 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6510 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6510 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6510 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON6510
General Description
Product Summary
VDS
ID (at VGS=10V)
32A
RDS(ON) (at VGS=10V)
< 4.4m
RDS(ON) (at VGS=4.5V)
< 5.9m
Application
100% UIS Tested
100% Rg Tested
Symbol
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Maximum
Units
AON6510
DFN 5x6
Tape & Reel
3000
30V N-Channel AlphaMOS
Orderable Part Number
Package Type
Form
Minimum Order Quantity
30V
• Trench Power AlphaMOS (αMOS LV) technology
• Low RDS(ON)
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
Top View
1
2
3
4
8
7
6
5
PIN1
DFN5X6
Top View
Bottom View
G
D
S
PIN1
Symbol
VDS
VGS
IDM
IAS
Avalanche energy
L=0.05mH
C
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Power Dissipation
B
18.5
TC=100°C
10µs
PD
30
36
46
Gate-Source Voltage
Pulsed Drain Current
C
25
Parameter
Drain-Source Voltage
Continuous Drain
Current
G
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
2.2
55
2.7
V
A
±20
V
Maximum
Units
W
ID
V
A
46
A
128
IDSM
22
mJ
53
28
32
Maximum Junction-to-Ambient
A
°C/W
RθJA
20
45
25
Thermal Characteristics
Parameter
Max
TA=70°C
3.2
°C
Units
Junction and Storage Temperature Range
-55 to 150
Typ
PDSM
W
TA=25°C
5
Power Dissipation
A
TA=25°C
TA=70°C
TC=25°C
TC=100°C
TC=25°C
Avalanche Current
C
Continuous Drain
Current
Rev.1.0: January 2014
www.aosmd.com
Page 1 of 6


同様の部品番号 - AON6510

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AON6512 AOSMD-AON6512 Datasheet
287Kb / 6P
   30V N-Channel AlphaMOS
logo
Guangdong Kexin Industr...
AON6512 KEXIN-AON6512 Datasheet
310Kb / 7P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6514 AOSMD-AON6514 Datasheet
301Kb / 6P
   30V N-Channel AlphaMOS
AON6516 AOSMD-AON6516 Datasheet
311Kb / 6P
   30V N-Channel AlphaMOS
logo
Guangdong Kexin Industr...
AON6516 KEXIN-AON6516 Datasheet
856Kb / 7P
   N-Channel MOSFET
More results

同様の説明 - AON6510

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com