データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AON6596 データシート(PDF) 2 Page - Alpha & Omega Semiconductors

部品番号 AON6596
部品情報  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6596 データシート(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6596 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6596 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6596 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6596 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6596 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6596 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.5
1.95
2.5
V
6.2
7.5
TJ=125°C
9.7
11.7
8.4
10.5
mΩ
gFS
67
S
VSD
0.72
1
V
IS
35
A
Ciss
1150
pF
Coss
180
pF
Crss
105
pF
Rg
0.5
1.1
1.7
Qg(10V)
20
30
nC
Qg(4.5V)
9.5
15
nC
Qgs
2.7
nC
Qgd
5
nC
Qgs
2.7
nC
Qgd
5
nC
tD(on)
6.5
ns
tr
2
ns
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
VDS=VGS, ID=250µA
Output Capacitance
Forward Transconductance
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=10V, ID=20A
VDS=0V, VGS=±20V
Maximum Body-Diode Continuous Current
G
Input Capacitance
Gate-Body leakage current
VGS=10V, VDS=15V, RL=0.75Ω,
Diode Forward Voltage
DYNAMIC PARAMETERS
VGS=4.5V, ID=20A
Turn-On Rise Time
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
Turn-On DelayTime
Gate Source Charge
VGS=4.5V, VDS=15V, ID=20A
Gate Drain Charge
mΩ
VGS=10V, VDS=15V, ID=20A
Total Gate Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Gate resistance
f=1MHz
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
RDS(ON)
Static Drain-Source On-Resistance
tr
2
ns
tD(off)
17
ns
tf
3.5
ns
trr
8.7
ns
Qrr
13.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
Turn-Off Fall Time
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
IF=20A, dI/dt=500A/µs
Turn-On Rise Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The Power
dissipation P
DSM is based on R
θJA t≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev.1.0: March 2014
www.aosmd.com
Page 2 of 6


同様の部品番号 - AON6596

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AON6590 AOSMD-AON6590 Datasheet
217Kb / 6P
   40V N-Channel MOSFET
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results

同様の説明 - AON6596

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com