データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC900LP5E データシート(PDF) 13 Page - Analog Devices

部品番号 HMC900LP5E
部品情報  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC900LP5E データシート(HTML) 13 Page - Analog Devices

Back Button HMC900LP5E Datasheet HTML 9Page - Analog Devices HMC900LP5E Datasheet HTML 10Page - Analog Devices HMC900LP5E Datasheet HTML 11Page - Analog Devices HMC900LP5E Datasheet HTML 12Page - Analog Devices HMC900LP5E Datasheet HTML 13Page - Analog Devices HMC900LP5E Datasheet HTML 14Page - Analog Devices HMC900LP5E Datasheet HTML 15Page - Analog Devices HMC900LP5E Datasheet HTML 16Page - Analog Devices HMC900LP5E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 13
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
HMC900LP5E Application Information
The HMC900lP5e provides an attractive alternative to other discrete filter solutions due to it’s unmatched flexibility in
supporting a wide range of bandwidths in today’s complex multi-carrier systems and multi-standard systems.
Typical architectures supporting multiple bandwidths have required either large board real estate or compromised
filter selection which come at the expense of price or performance. The HMC900lP5e overcomes this limitation by
allowing the system designer to optimize the bandwidth for the required signal.
The HMC900lP5e overcomes the matching problem that discrete filters present with respect to baseband signal
processing. The matched dual filter paths provide excellent gain and phase balance between the two channels
eliminating the image problem which results from poor matching.
The HMC900lP5e provides selectable gain and a flexible output driver further increase system integration and
reduce board area.
Figure 19. Typical Receive Path Block Diagram showing HMC900LP5E
Figure 20. Typical Transmit Path Block Diagram
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


同様の部品番号 - HMC900LP5E

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results

同様の説明 - HMC900LP5E

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Johanson Technology Inc...
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
logo
Hittite Microwave Corpo...
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
   PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com