データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC900LP5E データシート(PDF) 18 Page - Analog Devices

部品番号 HMC900LP5E
部品情報  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC900LP5E データシート(HTML) 18 Page - Analog Devices

Back Button HMC900LP5E Datasheet HTML 14Page - Analog Devices HMC900LP5E Datasheet HTML 15Page - Analog Devices HMC900LP5E Datasheet HTML 16Page - Analog Devices HMC900LP5E Datasheet HTML 17Page - Analog Devices HMC900LP5E Datasheet HTML 18Page - Analog Devices HMC900LP5E Datasheet HTML 19Page - Analog Devices HMC900LP5E Datasheet HTML 20Page - Analog Devices HMC900LP5E Datasheet HTML 21Page - Analog Devices HMC900LP5E Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 18
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
Output Driver
The HMC900lP5e output driver consists of a differential class aB driver which is designed to drive typical aDC loads
directly or can drive up to 200Ω in parallel with 50 pF to aC ground per differential output. Note that the output common
mode of the driver is controlled directly via the CMI/CMQ pin and can be set as per “Table 1. electrical specifications”.
also note, that driver loading does not impact filter transfer responses. The output common mode of the driver is
controlled directly via the CMI/CMQ pin and can be set as per the “Table 1. electrical specifications”.
a block diagram showing output connections is presented below.
Figure 22. Output Driver Block Diagram
RC Calibration Circuit
The RC Calibration block uses a known user supplied clock to measure an on chip RC time constant. This measurement
is representative of the uncorrected corner frequency error for a given bandwidth for the lPF.
Calibration is normally done at room temperature Refer to “Table 1. electrical specifications” for further details on the
variation of the 3dB cutoff point with temperature.
With this information, the HMC900lP5e can correctly fine tune the lPF by adjusting the resistors in the lPF to center
the corner frequency to the desired bandwidth.
The calibration for the HMC900lP5e proceeds as follows:
1.
the clock used for calibration is programmed between 20 MHz and 100 MHz via Reg 05h. also note that for
clocks between 20 MHz and 40 MHz the doubler must be enabled via Reg 01h.
2.
the RC calibration circuit is enabled via Reg 01h.
3.
a calibration cycle is initialized by writing to Reg 04h.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


同様の部品番号 - HMC900LP5E

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results

同様の説明 - HMC900LP5E

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Johanson Technology Inc...
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
logo
Hittite Microwave Corpo...
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
   PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com