データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N827AUR データシート(PDF) 3 Page - Microsemi Corporation

部品番号 1N827AUR
部品情報  6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N827AUR データシート(HTML) 3 Page - Microsemi Corporation

  1N827AUR Datasheet HTML 1Page - Microsemi Corporation 1N827AUR Datasheet HTML 2Page - Microsemi Corporation 1N827AUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6.2 & 6.55 Volt Temperature Compensated
Surface Mount Zener Reference Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
12-19-2003 REV A
SCOTTSD A L E DIVISION
1N821UR thru 1N829AUR-1
(or MLL821 thru MLL829-1)
GRAPHS
IZ – Operating Current (mA)
IZ – Operating Current (mA)
FIGURE 2
FIGURE 3
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT
TYPICAL CHANGE OF ZENER VOLTAGE
WITH CHANGE IN OPERATING CURRENT.
WITH CHANGE IN OPERATING CURRENT
This curve in Figure 3 illustrates the change of diode
voltage arising from the effect of impedance. It is in effect
an exploded view of the zener operating region of the I-V
characteristic.
In conjunction with Figure 2, this curve can be used to
estimate total voltage regulation under conditions of both
varying temperature and current.
The curve shown in Figure 2 is typical of the diode series and greatly simplifies
the estimation of the Temperature Coefficient (TC) when the diode is operated at
currents other than 7.5mA.
EXAMPLE: A diode in this series is operated at a current of 7.5mA and has
specified Temperature Coefficient (TC) limits of +/-0.005%/
oC. To obtain the
typical Temperature Coefficient limits for this same diode operated at a current of
6.0mA, the new TC limits (%/
oC) can be estimated using the graph in FIGURE 2.
At a test current of 6.0mA the change in Temperature Coefficient (TC) is
approximately –0.0006%.
oC. The algebraic sum of +/-0.005%oC and –
0.0006%/
oC gives the new estimated limits of +0.0044%/oC and -0.0056%/oC.
PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.063
0.067
1.60
1.70
B
0.130
0.146
3.30
3.70
C
0.016
0.022
0.41
0.55
PAD LAYOUT
INCHES
mm
A
.200
5.08
B
.055
1.40
C
.080
2.03


同様の部品番号 - 1N827AUR

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
1N827AUR MA-COM-1N827AUR Datasheet
844Kb / 4P
   TC Zener Reference Diode Series
logo
Microsemi Corporation
1N827AUR-1 MICROSEMI-1N827AUR-1 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N827AUR-1-1 MICROSEMI-1N827AUR-1-1 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N827AUR-1-2 MICROSEMI-1N827AUR-1-2 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N827AURTR-1 MICROSEMI-1N827AURTR-1 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
More results

同様の説明 - 1N827AUR

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com