データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC377PW データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC377PW
部品情報  Octal D-type flip-flop with data enable; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC377PW データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC377PW Datasheet HTML 5Page - NXP Semiconductors 74AHC377PW Datasheet HTML 6Page - NXP Semiconductors 74AHC377PW Datasheet HTML 7Page - NXP Semiconductors 74AHC377PW Datasheet HTML 8Page - NXP Semiconductors 74AHC377PW Datasheet HTML 9Page - NXP Semiconductors 74AHC377PW Datasheet HTML 10Page - NXP Semiconductors 74AHC377PW Datasheet HTML 11Page - NXP Semiconductors 74AHC377PW Datasheet HTML 12Page - NXP Semiconductors 74AHC377PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2000 Aug 15
9
Philips Semiconductors
Product specification
Octal D-type flip-flop with data enable;
positive-edge trigger
74AHC377; 74AHCT377
AC CHARACTERISTICS
Type 74AHC377
GND = 0 V; tr =tf ≤ 3.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85 −40 to +125
MIN. TYP. MAX. MIN. MAX. MIN. MAX.
VCC = 3.0 to 3.6 V; typical values at VCC = 3.3 V
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 8 15 pF
5.6
12.8
1.0
15.0
1.0
16.0
ns
fmax
maximum clock pulse
frequency
see Figs 6 and 8
80
125
70
70
MHz
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 8 50 pF
8.0
16.0
1.0
18.0
1.0
20.0
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 8
5.0
−−
5.0
5.0
ns
tsu
set-up time Dn to CP
see Figs 7 and 8
5.0
−−
5.0
5.0
ns
set-up time E to CP
5.0
−−
5.0
5.0
ns
th
hold time Dn to CP
1.5
−−
1.5
1.5
ns
hold time E to CP
1.5
−−
1.5
1.5
ns
fmax
maximum clock pulse
frequency
see Figs 6 and 8
50
75
45
45
MHz
VCC = 4.5 to 5.5 V; typical values at VCC = 5.0 V
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 8 15 pF
3.9
9.0
1.0
10.5
1.0
11.5
ns
fmax
maximum clock pulse
frequency
see Figs 6 and 8
125
175
110
110
MHz
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 8 50 pF
5.6
10.5
1.0
12.0
1.0
13.5
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 8
5.0
−−
5.0
5.0
ns
tsu
set-up time Dn to CP
see Figs 7 and 8
4.5
−−
4.5
4.5
ns
tsu
set-up time E to CP
4.5
−−
4.5
4.5
ns
th
hold time Dn to CP
2.0
−−
2.0
2.0
ns
th
hold time E to CP
2.0
−−
2.0
2.0
ns
fmax
maximum clock pulse
frequency
see Figs 6 and 8
85
120
75
75
MHz


同様の部品番号 - 74AHC377PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC377PW NXP-74AHC377PW Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
logo
Nexperia B.V. All right...
74AHC377PW NEXPERIA-74AHC377PW Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
74AHC377PW-Q100 NEXPERIA-74AHC377PW-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
More results

同様の説明 - 74AHC377PW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74HC377 PHILIPS-74HC377 Datasheet
60Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
   Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com