データシートサーチシステム |
|
54AC378FMX データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
54AC378FMX データシート(HTML) 2 Page - National Semiconductor (TI) |
2 / 8 page Functional Description The ’AC378 consists of six edge-triggered D-type flip-flops with individual D inputs and Q inputs The Clock (CP) and Enable (E) inputs are common to all flip-flops When the E input is LOW new data is entered into the register on the LOW-to-HIGH transition of the CP input When the E input is HIGH the register will retain the present data independent of the CP input Truth Table Inputs Output E CP Dn Qn H L X No Change L L HH L L LL H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial L e LOW-to-HIGH Clock Transition Logic Diagram TLF10231 – 5 Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays 2 |
同様の部品番号 - 54AC378FMX |
|
同様の説明 - 54AC378FMX |