データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5601MP13X データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FAN5601MP13X
部品情報  Regulated Step-Down Charge Pump DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5601MP13X データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5601MP13X Datasheet HTML 5Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 6Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 7Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 8Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 9Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 10Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 11Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 12Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FAN5601
PRODUCT SPECIFICATION
REV. 1.0.4 4/4/05
9
Typical Performance Characteristics (cont.)
TA = 25°C, CIN= COUT =10µF, CB = 1µF, VOUT = 1.3V, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
Load Current = 1mA
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
Load Current = 250mA
050
100
150
200
250
300
78
80
82
84
86
88
123
4
5
6
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Load Current = 1mA
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
Load Current = 250mA
050
100
150
200
250
300
1.20
1.22
1.24
1.26
1.28
1.30
1.32
TA = -40°C
TA = 0°C
TA = 80°C
TA = 125°C
Input Voltage (V)
12
3
4
5
6
Input Voltage (V)
Output Voltage vs Input Voltage
Efficiency vs Input Voltage
Output Voltage vs Load Current
Peak Efficiency vs Load Current
Load Current (mA)
Load Current (mA)
VIN = 4.5V
VIN = 2.95V
TA = 25°C
VOUT = 1.3V
TA = 25°C


同様の部品番号 - FAN5601MP13X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

同様の説明 - FAN5601MP13X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com