データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN24A データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FIN24A
部品情報  Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24A データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN24A Datasheet HTML 6Page - Fairchild Semiconductor FIN24A Datasheet HTML 7Page - Fairchild Semiconductor FIN24A Datasheet HTML 8Page - Fairchild Semiconductor FIN24A Datasheet HTML 9Page - Fairchild Semiconductor FIN24A Datasheet HTML 10Page - Fairchild Semiconductor FIN24A Datasheet HTML 11Page - Fairchild Semiconductor FIN24A Datasheet HTML 12Page - Fairchild Semiconductor FIN24A Datasheet HTML 13Page - Fairchild Semiconductor FIN24A Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Preliminary
www.fairchildsemi.com
10
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified.
Supply Voltage (VDD)
0.5V to 4.6V
ALL Input/Output Voltage
0.5V to 4.6V
LVDS Output Short Circuit Duration
Continuous
Storage Temperature Range (TSTG)
65qC to 150qC
Maximum Junction Temperature (TJ)
150qC
Lead Temperature (TL)
(Soldering, 4 seconds)
260qC
ESD Rating
Human Body Model, 1.5K
:, 100pF
!2kV
Machine Model, 0
:, 200pF
!200V
Supply Voltage (VDDA, VDDS)2.775V r 5.0%V
Supply Voltage (VDDP)
1.65V to 3.6V
Operating Temperature (TA) (Note 2)
10qC to  70qC
Supply Noise Voltage (VDDA-PP)
100 mVP-P
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
(Note 3)
LVCMOS I/O
VIH
Input High Voltage
0.65 x VDDP
VDDP
VIL
Input Low Voltage
GND
0.35 x VDDP
V
VOH
Output High Voltage
IOH 2.0 mA
VDDP 3.3 r 0.3
0.75 x VDDP
V
VDDP 2.5 r 0.2
VDDP 1.8 r 0.15
VOL
Output Low Voltage
VDDP 3.3 r 0.3
V
IOL 2.0 mA
VDDP 2.5 r 0.2
0.25 x VDDP
VDDP 1.8 r 0.15
IIN
Input Current
VIN 0V to 3.6V
5.0
5.0
PA
II(Hold)
Minimum Bushold Currents
VDDP 3.0, VIN 1.95 or 1.05
r35.0
uA
VDDP 2.3, VIN 1.495 or 0.805
r25.0
VDDP 1.65, VIN 1.07 or 0.58
r10.0
II(OD)
Minimum Required Bushold
VDDP 3.6, VIN 2.34 or 1.26
r200
uA
Overdrive Current
VDDP 2.7, VIN 1.76 or 0.945
r150
VDDP 1.95, VIN 1.268 or 0.682
r75.0
IOFF
Input/Output Power-Off
VDDP 0V, VDDS 0, VDDA 0
r5.0
PA
Leakage Current
ALL LVCMOS Inputs/ Outputs 0V to 3.6V
DIFFERENTIAL I/O
VOD
Output Differential Voltage
RL 100 :, See Figure
150
225
350
mV
'VOD
VOD Magnitude Change from
RL 100 :, See Figure
15.0
mV
Differential LOW-to-HIGH
VOS
Offset Voltage
RL 100 :, See Figure
VDD 2.775 r 5%
925
mV
'VOS
Offset Magnitude Change from
15.0
mV
Differential LOW-to-HIGH
IOS
Short Circuit Output Current
VOUT 0V
Driver Enabled
2.5
5.0
mA
(Note 4)
Driver Disabled
r5.0
PA
IOZ
Disabled Output Leakage Current DP
0V to VDDP, DIRI VDDP
r1.0
r10.0
PA
VTH
Differential Input Threshold HIGH See Figure 12 and Table 2
100
mV
VTL
Differential Input Threshold LOW
See Figure 12 and Table 2
100
mV
VICM
Input Common Mode Range
VDD 2.775 r 5%
300
925
1550
mV
RTRM0
CKSI Internal Receiver
VID 225 mV, VIC 925 mV, DIRI 0
80.0
100
120
:
Termination Resistor
|CKSI
 CKSI| VID
DS I/O Termination Resistor
VID 225 mV, VIC 925 mV, DIRI 0
80.0
100
120
|DS
 DSI| VID


同様の部品番号 - FIN24A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN24A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com