データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM573 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 FM573
部品情報  Nonvolatile Octal Latch/Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM573 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM573 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM573 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Ramtron
FM573/574
27 March 2001
9/10
20-pin SOP
Pin 1
Index
Area
E
H
D
A1
A
B
e
.10 mm
.004 in.
α
h
45°
L
C
Controlling dimensions is in millimeters. Conversions to inches are
not exact.
Symbol
Dim
Min
Nom.
Max
A
mm
in.
2.35
0.0926
2.65
0.1043
A1
mm
in.
0.10
0.004
0.30
0.0118
B
mm
in.
0.33
0.013
0.51
0.020
C
mm
in.
0.23
0.0091
0.32
0.0125
D
mm
in.
12.6
0.4961
13.0
0.5118
E
mm
in.
7.40
0.2914
7.60
0.2992
e
mm
in.
1.27 BSC
0.050 BSC
H
mm
in.
10.00
0.394
10.65
0.419
h
mm
in.
0.25
0.010
0.75
0.029
L
mm
in.
.40
0.016
1.27
0.050
α
0
°
8
°


同様の部品番号 - FM573

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

同様の説明 - FM573

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SAB8282A SIEMENS-SAB8282A Datasheet
110Kb / 6P
   Octal Latch
logo
Intel Corporation
M8283 INTEL-M8283 Datasheet
207Kb / 4P
   OCTAL LATCH
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
PCA8550 TI-PCA8550_06 Datasheet
208Kb / 12P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F_06 Datasheet
498Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com