データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFG1G16Q2M-DED データシート(PDF) 10 Page - Samsung semiconductor

部品番号 KFG1G16Q2M-DED
部品情報  FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1G16Q2M-DED データシート(HTML) 10 Page - Samsung semiconductor

Back Button KFG1G16Q2M-DED Datasheet HTML 6Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 7Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 8Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 9Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 10Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 11Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 12Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 13Page - Samsung semiconductor KFG1G16Q2M-DED Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
OneNAND512/OneNAND1GDDP
FLASH MEMORY
10
DEFINITIONS
B (capital letter)
Byte, 8bits
W (capital letter)
Word, 16bits
b (lower-case letter)
Bit
ECC
Error Correction Code
Calculated ECC
ECC which has been calculated during load or program access
Written ECC
ECC which has been stored as data in the NAND Flash Array or in the BufferRAM
BufferRAM
On-chip Internal Buffer consisting of BootRAM and DataRAM
BootRAM
A 1KB portion of the BufferRAM reserved for Bootcode buffering
DataRAM
A 4KB portion of the BufferRAM reserved for Data buffering
Memory
NAND Flash array which is embedded on OneNAND
Sector
Partial unit of page, of which size is 512B for main area and 16B for spare area data.
It is the minimum Load/Program/Copy-Back program unit while one~four sector opera-
tion is available
Data unit
Possible data unit to be read from memory to BufferRAM or to be programmed to mem-
ory.
- 528B of which 512B is in main area and 16B in spare area
- 1056B of which 1024B is in main area and 32B in spare area
- 1584B of which 1536B is in main area and 48B in spare area
- 2112B of which 2048B is in main area and 64B in spare area


同様の部品番号 - KFG1G16Q2M-DED

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KFG1G16Q2M-DED5 SAMSUNG-KFG1G16Q2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG1G16Q2M-DED6 SAMSUNG-KFG1G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG1G16Q2M-DED6 SAMSUNG-KFG1G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

同様の説明 - KFG1G16Q2M-DED

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com