データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFG2G16Q2M-DED5 データシート(PDF) 10 Page - Samsung semiconductor

部品番号 KFG2G16Q2M-DED5
部品情報  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG2G16Q2M-DED5 データシート(HTML) 10 Page - Samsung semiconductor

Back Button KFG2G16Q2M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 9Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 10Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 11Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 12Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 13Page - Samsung semiconductor KFG2G16Q2M-DED5 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
10
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
B (capital letter)
Byte, 8bits
W (capital letter)
Word, 16bits
b (lower-case letter)
Bit
ECC
Error Correction Code
Calculated ECC
ECC that has been calculated during a load or program access
Written ECC
ECC that has been stored as data in the NAND Flash array or in the BufferRAM
BufferRAM
On-chip internal buffer consisting of BootRAM and DataRAM
BootRAM
A 1KB portion of the BufferRAM reserved for Boot Code buffering
DataRAM
A 4KB portion of the BufferRAM reserved for Data buffering
Sector
Part of a Page ; 512B for the main data area and 16B for the spare area.
It is also the minimum Load/Program/Copy-Back Program unit
during a 1~4 sector operation is available.
Data unit
Possible data unit to be read from memory to BufferRAM or to be programmed to memory.
- 528B of which 512B is in main area and 16B in spare area
- 1056B of which 1024B is in main area and 32B in spare area
- 1584B of which 1536B is in main area and 48B in spare area
- 2112B of which 2048B is in main area and 64B in spare area
2.2
Definitions


同様の部品番号 - KFG2G16Q2M-DED5

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KFG2G16Q2M-DED6 SAMSUNG-KFG2G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

同様の説明 - KFG2G16Q2M-DED5

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com