データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFG1G16D2M-DED5 データシート(PDF) 7 Page - Samsung semiconductor

部品番号 KFG1G16D2M-DED5
部品情報  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1G16D2M-DED5 データシート(HTML) 7 Page - Samsung semiconductor

Back Button KFG1G16D2M-DED5 Datasheet HTML 3Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 4Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 5Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 9Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 10Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
7
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
1.5
Product Features
Device Architecture
• Design Technology:
• Supply Voltage:
• Host Interface:
• 5KB Internal BufferRAM:
• SLC NAND Array:
Device Performance
• Host Interface Type:
• Programmable Burst Read Latency:
• Multiple Sector Read/Write:
• Multiple Reset Modes:
• Multi Block Erase:
• Low Power Dissipation:
System Hardware
• Voltage detector generating internal reset signal from Vcc
• Hardware reset input (RP)
• Data Protection Modes
• User-controlled One Time Programmable(OTP) area
• Internal 2bit EDC / 1bit ECC
• Internal Bootloader supports Booting Solution in system
• Handshaking Feature
• Detailed chip information
Packaging
• 1G products
• 2G DDP products
• 4G QDP products
90nm
1.8V (1.7V ~ 1.95V)
16 bit
1KB BootRAM, 4KB DataRAM
(2K+64)B Page Size, (128K+4K)B Block Size
Synchronous Burst Read
- Up to 54MHz clock frequency
- Linear Burst 4-, 8-, 16-, 32-words with wrap around
- Continuous 1K word Sequential Burst
Asynchronous Random Read
- 76ns access time
Asynchronous Random Write
Latency 3(up to 40MHz), 4, 5, 6, and 7
Up to 4 sectors using Sector Count Register
Cold/Warm/Hot/NAND Flash Core Resets
Up to 64 Blocks
Typical Power,
- Standby current :
10uA @ Single , 20uA @ DDP, 40uA @ QDP
- Synchronous Burst Read current(54MHz) :
12mA @ Single, 17mA @ DDP/QDP
- Load current : 30mA
- Program current : 25mA
- Erase current : 20mA
- Multi Block Erase current : 20mA
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
- Write Protection for BootRAM
- Write Protection for NAND Flash Array
- Write Protection during power-up
- Write Protection during power-down
- INT pin indicates Ready / Busy
- Polling the interrupt register status bit
- by ID register
63ball, 10mm x 13mm x max 1.0mmt, 0.8mm ball pitch FBGA
63ball, 11mm x 13mm x max 1.2mmt, 0.8mm ball pitch FBGA
63ball, 11mm x 13mm x max 1.4mmt, 0.8mm ball pitch FBGA


同様の部品番号 - KFG1G16D2M-DED5

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KFG1G16D2M-DED SAMSUNG-KFG1G16D2M-DED Datasheet
1Mb / 93P
   FLASH MEMORY
More results

同様の説明 - KFG1G16D2M-DED5

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com