データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC121S101CIMM データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DAC121S101CIMM
部品情報  12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC121S101CIMM データシート(HTML) 2 Page - National Semiconductor (TI)

  DAC121S101CIMM Datasheet HTML 1Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 2Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 3Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 4Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 5Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 6Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 7Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 8Page - National Semiconductor (TI) DAC121S101CIMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Block Diagram
20114903
Pin Descriptions
TSOT
(SOT-23)
Pin No.
MSOP
Pin No.
Symbol
Description
14
V
OUT
DAC Analog Output Voltage.
2
8
GND
Ground reference for all on-chip circuitry.
31
V
A
Power supply and Reference input. Should be decoupled
to GND.
47
D
IN
Serial Data Input. Data is clocked into the 16-bit shift
register on the falling edges of SCLK after the fall of
SYNC.
5
6
SCLK
Serial Clock Input. Data is clocked into the input shift
register on the falling edges of this pin.
6
5
SYNC
Frame synchronization input for the data input. When this
pin goes low, it enables the input shift register and data
is transferred on the falling edges of SCLK. The DAC is
updated on the 16th clock cycle unless SYNC is brought
high before the 16th clock, in which case the rising edge
of SYNC acts as an interrupt and the write sequence is
ignored by the DAC.
2, 3
NC
No Connect. There is no internal connection to these
pins.
www.national.com
2


同様の部品番号 - DAC121S101CIMM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC121S101CIMM NSC-DAC121S101CIMM Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101CIMM TI-DAC121S101CIMM Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMM TI1-DAC121S101CIMM Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101CIMM/NOPB TI1-DAC121S101CIMM/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
National Semiconductor ...
DAC121S101CIMMX NSC-DAC121S101CIMMX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

同様の説明 - DAC121S101CIMM

メーカー部品番号データシート部品情報
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com