データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

FMBS5401 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FMBS5401
部品情報  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBS5401 データシート(HTML) 3 Page - Fairchild Semiconductor

  FMBS5401 Datasheet HTML 1Page - Fairchild Semiconductor FMBS5401 Datasheet HTML 2Page - Fairchild Semiconductor FMBS5401 Datasheet HTML 3Page - Fairchild Semiconductor FMBS5401 Datasheet HTML 4Page - Fairchild Semiconductor FMBS5401 Datasheet HTML 5Page - Fairchild Semiconductor FMBS5401 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, Octorber 2004
Typical Characteristics
Figure 1. Typical Pulsed Current Gain
vs Collector Current
Figure 2. Collector-Emitter Saturation
Voltage vs Collector Current
Figure 3. Base-Emitter Saturation
Voltage vs Collector Current
Figure 4. Base-Emitter On Voltage vs
Collector Current
Figure 5. Collector-Cutoff Current
vs Ambient Temperature
Figure 6. Collector-Emitter Breakdown Voltage
with Resistance Between Emitter-Base
1E-4
1E-3
0.01
0.1
1
0
50
100
150
200
- 40
oC
25
oC
125
oC
V
CE = 5V
I
C - COLLECTOR CURRENT (A)
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
- 40
o
C
25
oC
125
oC
ββββ = 10
I
C - COLLECTOR CURRENT (mA)
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
125
oC
25
o
C
- 40
o
C
ββββ = 10
I
C - COLLECTOR CURRENT (mA)
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
- 40
oC
25
oC
125
oC
V
CE = 5V
I
C - COLLECTOR CURRENT (mA)
β
β
25
50
75
100
125
150
0.1
1
10
100
T
- AM BIENT TE MPE RATURE ( C)
A
V
= 10 0V
CB
°
0.1
1
10
100
1000
170
180
190
200
210
220
RESISTANCE (k )
β
β


Html Pages

1  2  3  4  5  6 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
BC807-40 PNP General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2N5366 PNP General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
PN200 PNP General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
PN4249 PNP General Purpose Amplifier 1  2  Fairchild Semiconductor
MSB1218ART1 PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1  2  3  4  5  More Motorola, Inc
MMBT4403 PNP General Purpose Amplifier 1  2  3  Micro Commercial Components
NTE296 Silicon PNP Transistor General Purpose Amplifier 1  2  NTE Electronics
FMBM5401 PNP General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
HN2A01FU PNP EPITAXIAL TYPE AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS 1  2  Toshiba Semiconductor
NZT6727 PNP General Purpose Amplifier 1  2  3  Fairchild Semiconductor

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn