データシートサーチシステム |
|
HCPL0600R1 データシート(PDF) 9 Page - Fairchild Semiconductor |
|
HCPL0600R1 データシート(HTML) 9 Page - Fairchild Semiconductor |
9 / 17 page 9 www.fairchildsemi.com HCPL0600, HCPL0601, HCPL0611, HCPL0630, HCPL0631, HCPL0661 Rev. 1.0.1 Typical Performance Curves (HCPL0611, HCPL0630, HCPL0631 and HCPL0661 only) Fig. 12 Input Forward Current vs. Forward Voltage Fig. 13 Input Threshold Current vs. Ambient Temperature (HCPL0611 only) Fig. 14 Input Threshold Current vs. Ambient Temperature (HCPL0630, HCPL0631 and HCPL0661 only) Fig. 15 High Level Output Current vs. Ambient Temperature Fig. 16 Low Level Output Current vs. Ambient Temperature Fig. 17 Low Level Output Voltage vs. Ambient Temperature V F - FORWARD VOLTAGE (V) 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 TA = 85°C TA = 100°C TA = 25°C TA = 0°C TA = -40°C 0.8 0.001 0.01 0.1 1 10 100 TA - AMBIENT TEMPERATURE ( °C) -40 -20 0 20 40 60 80 100 0.0 0.5 1.0 1.5 2.0 2.5 VCC = 5.5V VO = 0.6V VE = 2V RL = 1kΩ RL = 350Ω RL = 4kΩ TA - AMBIENT TEMPERATURE ( °C) TA - AMBIENT TEMPERATURE ( °C) TA - AMBIENT TEMPERATURE ( °C) TA - AMBIENT TEMPERATURE ( °C) -40 -20 0 20 40 60 80 100 0.0 0.5 1.0 1.5 2.0 2.5 VCC = 5.5V VO = 0.6V RL = 1kΩ RL = 350Ω RL = 4kΩ -40 -20 0 20 40 60 80 100 0 4 8 12 16 20 VO = VCC = 5.5V VE = 2V (Single Channel Only) IF = 250 µA -40 -20 0 20 40 60 80 100 10 15 20 25 30 35 40 V CC = 5.5V VE = 2V (Single Channel Only) VOL = 0.6V IF = 5 - 15mA -40 -20 0 20 40 60 80 100 0.0 0.1 0.2 0.3 0.4 0.5 0.6 V CC = 5.5V VE = 2V (Single Channel Only) IF = 5mA IO = 6.4mA IO = 9.6mA IO = 12.8mA IO = 16mA |
同様の部品番号 - HCPL0600R1 |
|
同様の説明 - HCPL0600R1 |