データシートサーチシステム |
|
74LVT162240DGGRE4 データシート(PDF) 1 Page - Texas Instruments |
|
74LVT162240DGGRE4 データシート(HTML) 1 Page - Texas Instruments |
|
1 / 1 page SN54LVT162240, SN74LVT162240 3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS719 – JULY 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D State-of-the-Art Advanced BiCMOS Technology (ABT) Design for 3.3-V Operation and Low Static-Power Dissipation D Output Ports Have Equivalent 22-Ω Series Resistors, So No External Resistors Are Required D Support Mixed-Mode Signal Operation (5-V Input and Output Voltages With 3.3-V VCC) D Support Unregulated Battery Operation Down to 2.7 V D Typical VOLP (Output Ground Bounce) <0.8 V at VCC = 3.3 V, TA = 25°C D Ioff and Power-Up 3-State Support Hot Insertion D Distributed VCC and GND Pins Minimize High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) D Package Options Include Plastic Shrink Small-Outline (DL), Thin Shrink Small-Outline (DGG), and Thin Very Small-Outline (DGV) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings NOTE: For tape and reel order entry: The DGGR package is abbreviated to GR, and the DGVR package is abbreviated to VR. description The ’LVT162240 devices are 16-bit buffers/drivers designed specifically for low-voltage (3.3-V) VCC operation and to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. They have the capability to provide a TTL interface to a 5-V system environment. These devices can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer and provide inverting outputs and symmetrical active-low output-enable (OE) inputs. Copyright © 2000, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Widebus is a trademark of Texas Instruments. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Y1 1Y2 GND 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 4OE 2OE 1A1 1A2 GND 1A3 1A4 VCC 2A1 2A2 GND 2A3 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 3OE SN54LVT162240 . . . WD PACKAGE SN74LVT162240 . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) |
同様の部品番号 - 74LVT162240DGGRE4 |
|
同様の説明 - 74LVT162240DGGRE4 |