データシートサーチシステム |
|
SN74CB3T3384PW データシート(PDF) 6 Page - Texas Instruments |
|
|
SN74CB3T3384PW データシート(HTML) 6 Page - Texas Instruments |
6 / 15 page SN74CB3T3384 10BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH WITH 5V TOLERANT LEVEL SHIFTER SCDS159B − OCTOBER 2003 − REVISED MARCH 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX UNIT tpd† A or B B or A 0.15 0.25 ns ten OE A or B 1 10.5 1 7.5 ns tdis OE A or B 1 6.5 1 8 ns † The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
同様の部品番号 - SN74CB3T3384PW |
|
同様の説明 - SN74CB3T3384PW |