データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2100C40R0 データシート(PDF) 3 Page - International Rectifier

部品番号 ST2100C40R0
部品情報  PHASE CONTROL THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST2100C40R0 データシート(HTML) 3 Page - International Rectifier

  ST2100C40R0 Datasheet HTML 1Page - International Rectifier ST2100C40R0 Datasheet HTML 2Page - International Rectifier ST2100C40R0 Datasheet HTML 3Page - International Rectifier ST2100C40R0 Datasheet HTML 4Page - International Rectifier ST2100C40R0 Datasheet HTML 5Page - International Rectifier ST2100C40R0 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST2100C..R Series
3
Bulletin I25198 rev. B 02/00
www.irf.com
dv/dt
Maximum linear rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
500
V/µs
T
J = TJ max. to 67% rated VDRM
Parameter
ST2100C..R
Units
Conditions
250
mA
T
J = 125°C rated VDRM /V RRM applied
Blocking
P
GM
Maximum peak gate power
150
t
p
= 100µs
P
G(AV)
Maximum average gate power
10
I
GM
Max. peak positive gate current
30
A
Anode positive with respect to cathode
V
GM
Max. peak positive gate voltage
30
V
Anode positive with respect to cathode
-V
GM
Max. peak negative gate voltage
0.25
V
Anode positive with respect to cathode
I
GT
Maximum DC gate current
required to trigger
V
GT
Maximum gate voltage required
to trigger
Parameter
ST2100C..R
Units
Conditions
W
400
mA
T
C
= 25°C, V
DRM
= 5V
4V
T
C = 25°C, VDRM = 5V
V
GD
DC gate voltage not to trigger
0.25
V
T
C
= 125°C
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM anode-to-cathode applied
Triggering
T
J max. Max. operating temperature
125
On-state (conducting)
T
stg
Max. storage temperature range
-55 to 125
R
thJ-C
Thermal resistance, junction
0.019
DC operation single side cooled
to case
0.0095
DC operation double side cooled
R
th(C-h)
Thermal resistance, case
0.004
Single side cooled
to heatsink
0.002
Double side cooled
F
Mounting force ± 10%
wt
Approximate weight
1600
g
Case style
(R-PUK)
See Outline Table
Parameter
ST2100C..R
Units
Conditions
Thermal and Mechanical Specification
°C
Clamping force 43KN with
mounting compound
43000
(4400)
N
(Kg)
∆R
thJ-C
Conduction
(The following table shows the increment of thermal resistence R
thJ-C when devices operate at different conduction angles than DC)
K/W
K/W
180°
0.0010
0.0010
T
J
= T
J
max.
120°
0.0017
0.0017
K/W
60°
0.0044
0.0044
Conduction angle
Single side
Double side
Units
Conditions


同様の部品番号 - ST2100C40R0

メーカー部品番号データシート部品情報
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
More results

同様の説明 - ST2100C40R0

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com