データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ577 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SJ577
部品情報  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ577 データシート(HTML) 1 Page - Sanyo Semicon Device

  2SJ577 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ577 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ577 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ577 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
Ordering number:ENN6411A
2SJ577
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
92500TS (KOTO) TA-2445 No.6411–1/4
10.2
0.8
1.2
4.5
1.3
0.4
2.55
2.55
12
3
10.2
1.2
2.55
2.55
2.55
2.55
4.5
0 to 0.3
0.4
1.3
0.8
12
3
Package Dimensions
unit:mm
2093A
[2SJ577]
Features
· Low ON-resistance.
· Ultrahigh-speed switching.
· Low-voltage drive.
unit:mm
2090A
[2SJ577]
1 : Gate
2 : Drain
3 : Source
SANYO : SMP
1 : Gate
2 : Drain
3 : Source
SANYO : SMP-FD


同様の部品番号 - 2SJ577

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SJ571 SANYO-2SJ571 Datasheet
50Kb / 3P
   General-Purpose Switching Device Applications
logo
Hitachi Semiconductor
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
VBsemi Electronics Co.,...
2SJ574 VBSEMI-2SJ574 Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BP91TL VBSEMI-2SJ574BP91TL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

同様の説明 - 2SJ577

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com