データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD805BN データシート(PDF) 9 Page - Analog Devices

部品番号 AD805BN
部品情報  DATA RETIMING PHASE LOCKED LOOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD805BN データシート(HTML) 9 Page - Analog Devices

Back Button AD805BN Datasheet HTML 4Page - Analog Devices AD805BN Datasheet HTML 5Page - Analog Devices AD805BN Datasheet HTML 6Page - Analog Devices AD805BN Datasheet HTML 7Page - Analog Devices AD805BN Datasheet HTML 8Page - Analog Devices AD805BN Datasheet HTML 9Page - Analog Devices AD805BN Datasheet HTML 10Page - Analog Devices AD805BN Datasheet HTML 11Page - Analog Devices AD805BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD805
–9–
REV. 0
Table I. Evaluation Board,
Negative Supply: Components List
Reference
Designator
Description
Quantity
R1–8
Resistor, 100
Ω, 1%
8
R9–12
Resistor, 154
Ω, 1%
4
R13, 14, 17, 18, 23, 24 Resistor, 80.6
Ω, 1%
6
R15, 16, 19–22
Resistor, 130
Ω, 1%
6
C2
10
µF, Tantalum
1
C3–12, C15
0.1
µF, Ceramic Chip
11
Z1
AD805
1
Z2
10H116, ECL Line Receiver 1
Vectron CO-434Y VCXO
1
Z3
AT&T 157-Type VCXO
1
100
1
0.1
1
1000
100
10
0.1
10
JITTER FREQUENCY – kHz
CCITT TYPE A MASK
VECTRON
AT&T
Figure 15. AD805-VCXO Circuit Jitter Tolerance
0
–10
–20
1
10
1000
100
–15
–5
JITTER FREQUENCY – kHz
VECTRON 1.3 UI
INPUT JITTER
AT&T 1.3 UI
INPUT JITTER
CCITT TYPE B
MASK
Figure 16. AD805-VCXO Circuit Jitter Transfer
155.52 MBPS CLOCK RECOVERY AND DATA RETIMING
USING A SURFACE ACOUSTIC WAVE (SAW) FILTER
The AD805 can be used with a 155.52 MHz SAW filter circuit
for clock recovery and data retiming. In this type of application
(refer to Figure 17), the SAW filter circuit is used to generate a
155.52 MHz clock from the input data. The AD805 data retiming
loop formed by the voltage-controlled phase shifter, the phase
detector and the loop filter, act to servo the phase of the input
data to the phase of the recovered clock. The AD805 can
compensate up to
±180° phase variance through the SAW filter
circuit. The AD805 replaces the D Flip-Flop and phase shifter
components found in traditional SAW filter-based clock recovery
and data retiming circuits. Use of the AD805 eliminates the
phase shifter to SAW filter matching needed to get traditional
SAW filter-based circuits to perform over operating conditions.
The jitter bandwidth and the output jitter of the overall circuit is
determined largely by the SAW filter used. The AD805 retimes
the input data to the recovered clock and buffers the recovered
clock from the SAW filter circuit. The AD805 plays a role in the
jitter accommodation of the overall circuit. The AD805’s phase
shifter range and the bandwidth of the data retiming loop
provide for at least 2 UI p-p jitter tolerance to 1 MHz. The
length of a transitionless block of data that will not cause the
circuit to lose lock or start making bit errors is determined by
the Q of the SAW filter used.
Figure 17 shows a schematic of the AD805 used with a
Toyocom TQS-610J-6R SAW filter. The circuit that precedes
the SAW filter feeds the filter with a pulse at each data transi-
tion. The line receiver circuit that immediately follows the SAW
filter provides gain to the SAW filter output to drive the AD805
CLKIN signals.
OBSOLETE


同様の部品番号 - AD805BN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8051 AD-AD8051 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8051AR AD-AD8051AR Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051AR AD-AD8051AR Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
More results

同様の説明 - AD805BN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD805 AD-AD805_15 Datasheet
324Kb / 12P
   Data Retiming Phase-Locked Loop
REV. 0
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com