データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1202 データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1202
部品情報  LM1202 230 MHz Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202 データシート(HTML) 5 Page - National Semiconductor (TI)

  LM1202 Datasheet HTML 1Page - National Semiconductor (TI) LM1202 Datasheet HTML 2Page - National Semiconductor (TI) LM1202 Datasheet HTML 3Page - National Semiconductor (TI) LM1202 Datasheet HTML 4Page - National Semiconductor (TI) LM1202 Datasheet HTML 5Page - National Semiconductor (TI) LM1202 Datasheet HTML 6Page - National Semiconductor (TI) LM1202 Datasheet HTML 7Page - National Semiconductor (TI) LM1202 Datasheet HTML 8Page - National Semiconductor (TI) LM1202 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Circuit Description
Figure 2 shows a block diagram of the LM1202 video ampli-
fier along with contrast and brightness (black level) control
Contrast control is a DC-operated attenuator which varies
the AC gain of the amplifier Signal attenuation (contrast) is
achieved by varying the base drive to a differential pair and
thereby unbalancing the current through the differential pair
As shown in
Figure 2 pin 20 provides a 53V bias voltage for
the positive input of the attenuator (pin 1) Pin 3 provides a
control voltage for the negative input (pin 2) of the attenua-
tor The voltage at pin 3 varies as the voltage at the contrast
control input (pin 8) varies thus providing signal attenuation
The gain is maximum (0 dB attenuation) if the voltage at pin
8 is 4V and is minimum (maximum attenuation) if the voltage
at pin 8 is 0V The 0V to 4V DC-operated drive control at pin
9 providesa6dB gain adjustment range This feature is
necessary for RGB applications where independent gain ad-
justment of each channel is required
The brightness or black level clamping requires a ‘‘sample
and hold’’ circuit which holds the DC bias of the video ampli-
fier constant during the black level reference portion of the
video waveform Black level clamping often referred to as
DC restoration is accomplished by applying a back porch
clamp signal to the clamp gate input pin (pin 14) The clamp
comparator is enabled when the clamp signal goes low dur-
ing the black level reference period (see
Figure 2 ) When
the clamp comparator is enabled the clamp capacitor con-
nected to pin 12 is either charged or discharged until the
voltage at the minus input of the comparator matches the
voltage set at the plus input of the comparator During the
video portion of the signal the clamp comparator is disabled
and the clamp capacitor holds the proper DC bias In a DC
coupled cathode drive application picture brightness func-
tion can be achieved by varying the voltage at the compara-
tor’s plus input Note that the back porch clamp pulse width
(tW in Figure 2 ) must be greater than 100 ns for proper
operation
VIDEO AMPLIFIER SECTION (Input Stage)
A simplified schematic of LM1202’s video amplifier input
stage is shown in
Figure 3
The 54V zener diode Q1 Q6
and R2 bias the base of Q7 at 26V The AC coupled video
signal applied to pin 6 is referenced to the 26V bias voltage
Transistor Q7 buffers the video signal VIN and Q8 converts
the voltage to current The AC collector current through Q8
is IC8 e VIN R9 Under maximum gain condition transistors
Q9 and Q11 are off and all of IC8 flows through the load
resistors R10 and R11 The maximum signal gain at the
base of Q13 is AV1 eb(R10 a R11)R9 eb2 Signal
attenuation is achieved by varying the base drive to the dif-
ferential pairs Q9 Q10 and Q11 Q12 thereby unbalancing
the collector currents through the transistor pairs Base of
Q10 is biased at 53V by externally connecting pin 1 to pin
20 through a 100X resistor Pin 2 is connected to pin 3
through a 100X resistor Adjusting the contrast voltage at
TLH11440 – 3
FIGURE 2 Block Diagram of the LM1202 Video Amplifier
with Contrast and Brightness (Black Level) Control
http
www nationalcom
5


同様の部品番号 - LM1202

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM1202

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
   Video Amplifier System
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com