データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1202 データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1202
部品情報  LM1202 230 MHz Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202 データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1202 Datasheet HTML 2Page - National Semiconductor (TI) LM1202 Datasheet HTML 3Page - National Semiconductor (TI) LM1202 Datasheet HTML 4Page - National Semiconductor (TI) LM1202 Datasheet HTML 5Page - National Semiconductor (TI) LM1202 Datasheet HTML 6Page - National Semiconductor (TI) LM1202 Datasheet HTML 7Page - National Semiconductor (TI) LM1202 Datasheet HTML 8Page - National Semiconductor (TI) LM1202 Datasheet HTML 9Page - National Semiconductor (TI) LM1202 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Circuit Description (Continued)
pin 8 produces a control voltage at pin 3 which drives the
base of Q9 By varying the voltage at the base of Q9 Q8’s
collector current (IC8) is diverted away from the load resis-
tors R10 and R11 thereby providing signal attenuation
Maximum attenuation is achieved when all of IC8 flows
through Q9 and no current flows through the load resistors
The differential pair Q11 and Q12 provide drive control
Q12’s base is internally biased at 73V Adjusting the volt-
age at the drive control input (pin 9) produces a control
voltage at the base of Q11 With Q9 off and Q12 off all of
IC8 flows through R10 thus providing a gain of AV1 e
b
(R10R9) c VIN eb1 Drive control thus provides a
6 dB attenuation range
TLH11440 – 4
FIGURE 3 Simplified Schematic of the LM1202 Video Amplifier Input Stage
http
www nationalcom
6


同様の部品番号 - LM1202

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM1202

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
   Video Amplifier System
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com