データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1202 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1202
部品情報  LM1202 230 MHz Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202 データシート(HTML) 1 Page - National Semiconductor (TI)

  LM1202 Datasheet HTML 1Page - National Semiconductor (TI) LM1202 Datasheet HTML 2Page - National Semiconductor (TI) LM1202 Datasheet HTML 3Page - National Semiconductor (TI) LM1202 Datasheet HTML 4Page - National Semiconductor (TI) LM1202 Datasheet HTML 5Page - National Semiconductor (TI) LM1202 Datasheet HTML 6Page - National Semiconductor (TI) LM1202 Datasheet HTML 7Page - National Semiconductor (TI) LM1202 Datasheet HTML 8Page - National Semiconductor (TI) LM1202 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH11440
December 1995
LM1202 230 MHz Video Amplifier System
General Description
The LM1202 is a very high frequency video amplifier system
intended for use in high resolution monochrome or RGB
color monitor applications In addition to the wideband video
amplifier the LM1202 contains a gated differential input
black level clamp comparator for brightness control a DC
controlled attenuator for contrast control and a DC con-
trolled sub contrast attenuator for drive control The DC
control for the contrast attenuator is pinned out separately
to provide a more accurate control system for RGB color
monitor applications All DC controls offer a high input im-
pedance and operate over a 0V to 4V range for easy inter-
face to bus controlled alignment systems The LM1202 op-
erates from a nominal 12V supply but can be operated with
supply voltages down to 8V for applications that require re-
duced IC package power dissipation characteristics
Features
Y
Wideband video amplifier
(fb3dB e 230 MHz at VO e 4VPP)
Y
tr tf e 15 ns at VO e 4VPP
Y
Externally gated comparator for brightness control
Y
0V to 4V high input impedance DC contrast control
(l40 dB range)
Y
0V to 4V high input impedance DC drive control
(g3 dB range)
Y
Easy to parallel three LM1202s for optimum color track-
ing in RGB systems
Y
Output stage clamps to 065V and provides up to 9V
output voltage swing
Y
Output stage directly drives most hybrid or discrete
CRT amplifier stages
Applications
High resolution CRT monitors
Video switches
Video AGC amplifier
Wideband amplifier with gain and DC offset control
Block and Connection Diagram
TLH11440 – 1
Order Number LM1202N or LM1202M
See NS Package Number N20A or M20B
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


同様の部品番号 - LM1202

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM1202

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
   Video Amplifier System
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com