データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1202N データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1202N
部品情報  LM1202 230 MHz Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202N データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1202N Datasheet HTML 3Page - National Semiconductor (TI) LM1202N Datasheet HTML 4Page - National Semiconductor (TI) LM1202N Datasheet HTML 5Page - National Semiconductor (TI) LM1202N Datasheet HTML 6Page - National Semiconductor (TI) LM1202N Datasheet HTML 7Page - National Semiconductor (TI) LM1202N Datasheet HTML 8Page - National Semiconductor (TI) LM1202N Datasheet HTML 9Page - National Semiconductor (TI) LM1202N Datasheet HTML 10Page - National Semiconductor (TI) LM1202N Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Circuit Description (Continued)
VIDEO AMPLIFIER SECTION (Output Stage)
A simplified schematic of LM1202’s video amplifier output
stage is shown in
Figure 4 The output stage is the second
gain stage Ideally the gain of the second gain stage would
be AV2 ebR21R18 eb16 Because of the output
stage’s low open loop gain the gain is approximately
AV2 eb10 Thus the maximum gain of the video amplifier
is AV e AV1 c AV2 e 20 Transistors Q23 and Q24 provide
a push-pull drive to the load The output voltage can swing
from 02V to 10V
CONTRAST CONTROL SECTION
A simplified schematic of LM1202’s contrast control section
is shown in
Figure 5 A 0V to 4V DC voltage is applied at the
contrast input (pin 8) Transistors Q29 Q30 and Q34 buffer
and level shift the contrast voltage to the base of Q36 The
voltage at the emitter of Q36 equals the contrast voltage
(Vcont) and the current through Q36’s collector is given by
IC36 e Vcont R28
Transistor Q36’s collector current is used to unbalance the
current through the differential pair comprised of Q38
and Q40 Q40’s base is internally biased at 53V and made
available at pin 20 Pin 20 is externally connected to pin 1
through a 100X resistor (see
Figures 2 and 3 ) The base of
Q38 (pin 3) is externally connected to pin 2 through a 100X
resistor (see
Figures 2 and 3 ) With Vcont e 2V the differ-
ential pair (Q38 Q40) is balanced and the voltage at pins 1
and 2 is 53V Under this condition Q8’s collector current is
equally split between Q9 and Q10 (see
Figure 3 ) and the
amplifier’s gain is half the maximum gain If contrast voltage
at pin 8 is greater than 2V then Q36’s collector current
increases thus pulling Q38’s collector node lower and
consequently moving Q38’s base below 53V With pin 2
at a lower voltage than pin 1 current through Q10 (see
Figure 3 ) increases and the amplifier’s gain increases With
Vcont e 4V the amplifier’s gain is maximum
If the contrast voltage at pin 8 is less than 2V then Q36’s
collector current decreases and Q38’s base is pulled above
53V With pin 2 voltage greater than pin 1 voltage less
current flows through Q10 (see
Figure 3 ) consequently the
amplifier’s gain decreases With Vcont e 0V the amplifier’s
gain is minimum (ie maximum attenuation)
TLH11440 – 5
FIGURE 4 Simplified Schematic of LM1202 Video Amplifier Output Stage
http
www nationalcom
7


同様の部品番号 - LM1202N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM1202N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
   Video Amplifier System
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com