データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF740APBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF740APBF
部品情報  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF740APBF データシート(HTML) 2 Page - International Rectifier

  IRF740APBF Datasheet HTML 1Page - International Rectifier IRF740APBF Datasheet HTML 2Page - International Rectifier IRF740APBF Datasheet HTML 3Page - International Rectifier IRF740APBF Datasheet HTML 4Page - International Rectifier IRF740APBF Datasheet HTML 5Page - International Rectifier IRF740APBF Datasheet HTML 6Page - International Rectifier IRF740APBF Datasheet HTML 7Page - International Rectifier IRF740APBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF740APbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
4.9
–––
–––
S
VDS = 50V, ID = 6.0A
Qg
Total Gate Charge
–––
–––
36
ID = 10A
Qgs
Gate-to-Source Charge
–––
–––
9.9
nC
VDS = 320V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
16
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
10
–––
VDD = 200V
tr
Rise Time
–––
35
–––
ID = 10A
td(off)
Turn-Off Delay Time
–––
24
–––
RG = 10Ω
tf
Fall Time
–––
22
–––
RD = 19.5Ω,See Fig. 10
„
Ciss
Input Capacitance
––– 1030 –––
VGS = 0V
Coss
Output Capacitance
–––
170
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
7.7
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
––– 1490 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
52
–––
VGS = 0V, VDS = 320V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
61
–––
VGS = 0V, VDS = 0V to 320V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
630
mJ
IAR
Avalanche Current

–––
10
A
EAR
Repetitive Avalanche Energy

–––
12.5
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.0
V
TJ = 25°C, IS = 10A, VGS = 0V
„
trr
Reverse Recovery Time
–––
240 360
ns
TJ = 25°C, IF = 10A
Qrr
Reverse RecoveryCharge
–––
1.9
2.9
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
10
40
A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
400
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.48
–––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.55
VGS = 10V, ID = 6.0A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 400V, VGS = 0V
–––
–––
250
VDS = 320V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current


同様の部品番号 - IRF740APBF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IRF740APBF VISHAY-IRF740APBF Datasheet
158Kb / 8P
   Power MOSFET
S-81291-Rev. A, 16-Jun-08
IRF740APBF VISHAY-IRF740APBF Datasheet
164Kb / 8P
   Power MOSFET
01-Jan-2022
IRF740APBF-BE3 VISHAY-IRF740APBF-BE3 Datasheet
164Kb / 8P
   Power MOSFET
01-Jan-2022
More results

同様の説明 - IRF740APBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com