データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6635 データシート(PDF) 1 Page - International Rectifier

部品番号 IRF6635
部品情報  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6635 データシート(HTML) 1 Page - International Rectifier

  IRF6635 Datasheet HTML 1Page - International Rectifier IRF6635 Datasheet HTML 2Page - International Rectifier IRF6635 Datasheet HTML 3Page - International Rectifier IRF6635 Datasheet HTML 4Page - International Rectifier IRF6635 Datasheet HTML 5Page - International Rectifier IRF6635 Datasheet HTML 6Page - International Rectifier IRF6635 Datasheet HTML 7Page - International Rectifier IRF6635 Datasheet HTML 8Page - International Rectifier IRF6635 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
06/02/05
IRF6635
DirectFET™ Power MOSFET
Description
The IRF6635 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET
package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase,
infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing meth-
ods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improv-
ing previous best thermal resistance by 80%.
The IRF6635 balances industry leading on-state resistance while minimizing gate charge along with ultra low package induc-
tance to reduce both conduction and switching losses. The reduced losses make this product ideal for high frequency/high
efficiency DC-DC converters that power high current loads such as the latest generation of microprocessors. The IRF6635 has
been optimized for parameters that are critical in synchronous buck converter’s SyncFET sockets.
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)
Fig 1. Typical On-Resistance vs. Gate-to-Source Voltage
Typical values (unless otherwise specified)
Fig 2. Total Gate Charge vs. Gate-to-Source Voltage
RoHs compliant containing no lead or bromide
Low Profile (<0.7 mm)
Dual Sided Cooling Compatible
Ultra Low Package Inductance
Optimized for High Frequency Switching
Ideal for CPU Core DC-DC Converters
Optimized for for SyncFET socket of Sync. Buck Converter
Low Conduction and Switching Losses
Compatible with existing Surface Mount Techniques
Click on this section to link to the appropriate technical paper.
Click on this section to link to the DirectFET MOSFETs.
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.63mH, RG = 25Ω, IAS = 25A.
Surface mounted on 1 in. square Cu board, steady state.
TC measured with thermocouple mounted to top (Drain) of part.
Notes:
SQ
SX
ST
MQ
MX
MT
DirectFET™ ISOMETRIC
MX
0
102030405060
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 24V
VDS= 15V
ID= 25A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
EAS
Single Pulse Avalanche Energy
mJ
IAR
Avalanche Current
A
Max.
25
180
250
±20
30
32
200
25
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 1.3m
Ω@ 10V 1.8mΩ@ 4.5V
0
1
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
ID = 32A
TJ = 25°C
TJ = 125°C
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
47nC
17nC
4.7nC
48nC
29nC
1.8V
PD - 96981B


同様の部品番号 - IRF6635

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6635PBF IRF-IRF6635PBF Datasheet
242Kb / 9P
   DirectFET Power MOSFET
IRF6635PBF IRF-IRF6635PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRF6635PBF IRF-IRF6635PBF Datasheet
253Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6635PBF IRF-IRF6635PBF_15 Datasheet
253Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
More results

同様の説明 - IRF6635

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com